Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTM8027IVPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTM8027IVPBF
Description  60V, 4A DC/DC Module Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8027IVPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTM8027IVPBF Datasheet HTML 6Page - Linear Technology LTM8027IVPBF Datasheet HTML 7Page - Linear Technology LTM8027IVPBF Datasheet HTML 8Page - Linear Technology LTM8027IVPBF Datasheet HTML 9Page - Linear Technology LTM8027IVPBF Datasheet HTML 10Page - Linear Technology LTM8027IVPBF Datasheet HTML 11Page - Linear Technology LTM8027IVPBF Datasheet HTML 12Page - Linear Technology LTM8027IVPBF Datasheet HTML 13Page - Linear Technology LTM8027IVPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LTM8027
10
8027f
BLOCK DIAGRAM
OPERATION
The LTM8027 is a standalone nonisolated step-down
switching DC/DC power supply with an input voltage
range of 4.5V to 60V that can deliver up to 4A of output
current. This module provides a precisely regulated output
voltage up to 24V, programmable via one external resistor.
Given that the LTM8027 is a step-down converter, make
sure that the input voltage is high enough to support the
desired output voltage and load current. A simplified block
diagram is given above. The LTM8027 contains a current
mode controller, power switching element, power induc-
tor, power MOSFETs and a modest amount of input and
output capacitance.
The LTM8027 is a fixed frequency PWM regulator. The
switching frequency is set by simply connecting the ap-
propriate resistor from the RT pin to GND.
A linear regulator provides internal power (shown as
INTVCC on the Block Diagram) to the control circuitry. The
bias regulator normally draws power from the VIN pin, but
if the BIAS1and BIAS2 pins are connected to an external
voltage higher than 8.5V, bias power will be drawn from
the external source (typically the regulated output voltage).
This improves efficiency. The RUN pin is used to enable
or place the LTM8027 in shutdown, disconnecting the
output and reducing the input current to less than 10μA.
8027 BD
VIN
VIN
INTVCC
6.8μH
RUN
2.2μF
CURRENT
MODE
CONTROLLER
INTERNAL
CONNECTION
TO VOUT
SS
SYNC
AUX
BIAS1
BIAS2
GND
RT
ADJ
VOUT
INTERNAL
LINEAR
REGULATOR
4.7pF
499k


Similar Part No. - LTM8027IVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8027IV LINER-LTM8027IV Datasheet
253Kb / 22P
   Complete Switch Mode Power Supply
More results

Similar Description - LTM8027IVPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8027 LINER-LTM8027_15 Datasheet
470Kb / 22P
   60V, 4A DC/DC Module Regulator
LTM4619 LINER-LTM4619_15 Datasheet
562Kb / 26P
   Dual, 26VIN, 4A DC/DC Module Regulator
LTM4619 LINER-LTM4619 Datasheet
300Kb / 24P
   Dual, 26VIN, 4A DC/DC 關Module Regulator
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
   14VIN, 4A Step-Down DC/DC Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4604A LINER-LTM4604A_15 Datasheet
825Kb / 22P
   Low Voltage, 4A DC/DC Module Regulator with Tracking
LTM4604 LINER-LTM4604_15 Datasheet
613Kb / 20P
   Low Voltage, 4A DC/DC Module Regulator with Tracking
LTM4614 LINER-LTM4614_15 Datasheet
377Kb / 20P
   Dual 4A per Channel Low VIN DC/DC Module Regulator
LTM4644 LINER-LTM4644_15 Datasheet
527Kb / 32P
   Quad DC/DC Module Regulator with Configurable 4A Output Array
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
   Monolithic 4A DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com