Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2905HTS8TRMPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2905HTS8TRMPBF
Description  Precision Dual Supply Monitors with Pin-Selectable Thresholds
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2905HTS8TRMPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2905HTS8TRMPBF Datasheet HTML 6Page - Linear Technology LTC2905HTS8TRMPBF Datasheet HTML 7Page - Linear Technology LTC2905HTS8TRMPBF Datasheet HTML 8Page - Linear Technology LTC2905HTS8TRMPBF Datasheet HTML 9Page - Linear Technology LTC2905HTS8TRMPBF Datasheet HTML 10Page - Linear Technology LTC2905HTS8TRMPBF Datasheet HTML 11Page - Linear Technology LTC2905HTS8TRMPBF Datasheet HTML 12Page - Linear Technology LTC2905HTS8TRMPBF Datasheet HTML 13Page - Linear Technology LTC2905HTS8TRMPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC2904/LTC2905
10
29045fd
APPLICATIONS INFORMATION
Power-Down
On power-down, once either V1 or V2 inputs drops below
its threshold, RST asserts logic low and RST weakly pulls
high. VCC of at least 1V guarantees a logic low of 0.4V at
RST.
Programming Pins
The three 3-state input pins: S1, S2 and TOL should be
connected to GND, V1 or left unconnected during normal
operation. Note that when left unconnected, the maximum
leakage current allowable from the pin to either GND or
V1 is 10μA.
In margining applications, all the 3-state input pins can be
driven using a tri-state buffer. Note however the low and
high output of the tri-state buffer has to satisfy the VIL and
VIH of the 3-state pin listed in the Electrical Characteristics
Table. Moreover, when the tri-state buffer is in the high
impedance state, the maximum leakage current allowed
from the pin to either GND or V1 is 10μA.
Monitor Programming
Connecting S1 and S2 to GND, V1 or leaving them open
selects the LTC2904/LTC2905 input voltage combina-
tions. Table 1 shows the nine possible combinations of
nominal input voltages and their corresponding S1, S2
connections.
Table 1. Voltage Threshold Programming
V1
V2
S1
S2
5.0
3.3
V1
V1
3.3
2.5
Open
GND
3.3
1.8
V1
Open
3.3
1.5
Open
V1
3.3
1.2
Open
Open
2.5
1.8
GND
GND
2.5
1.5
GND
Open
2.5
1.2
GND
V1
2.5
1.0
V1
GND
Note: Open = open circuit or driven by a three state buffer in high
impedance state with leakage current less than 10μA.
Tolerance Programming
The three-state input pin, TOL programs the common
supply tolerance for both V1 and V2 input voltages (5%,
7.5% or 10%). The larger the tolerance the lower the trip
threshold. Table 2 shows the tolerances selection corre-
sponding to a particular connection at the TOL pin.
Table 2. Tolerance Programming
Tolerance
TOL
5%
V1
7.5%
Open
10%
GND
Threshold Accuracy
Reset threshold accuracy is of the utmost importance in a
supply sensitive system. Ideally such a system should not
reset while supply voltages are within a specified margin
below the rated nominal level. Both of the LTC2904/LTC2905
inputs have the same relative threshold accuracy. The
specification for LTC2904/LTC2905 is
±1.5% of the pro-
grammed nominal input voltage (over the full operating
temperature range).
For example, when the LTC2904/LTC2905 are programmed
to handle a 5V input with 10% tolerance (S1 = S2 = V1 and
TOL = GND, refer to Table 1 and Table 2), it does not issue
a reset command when V1 is above 4.5V. The typical 10%
trip threshold is at 11.5% below the nominal input voltage
level. Therefore, the typical trip threshold for the 5V input
is 4.425V. With
±1.5% accuracy, the trip threshold range is
4.425V
±75mV over temperature (i.e. 10% to 13% below
5V). This implies that the monitored system must operate
reliably down to 4.35V over temperature.
The same system using a supervisor with only
±2.5%
accuracy needs to work reliably down to 4.25V (4.375V
±125mV)or15%below5V,requiringthemonitoredsystem
to work over a much wider operating voltage range.


Similar Part No. - LTC2905HTS8TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2905 LINER-LTC2905 Datasheet
155Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2905 LINER-LTC2905 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2905 LINER-LTC2905 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2905 LINER-LTC2905 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2905 LINER-LTC2905 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
More results

Similar Description - LTC2905HTS8TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2904 LINER-LTC2904 Datasheet
155Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2904 LINER-LTC2904_15 Datasheet
161Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2905 LINER-LTC2905_15 Datasheet
161Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2907 LINER-LTC2907_15 Datasheet
204Kb / 16P
   Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2906 LINER-LTC2906_15 Datasheet
204Kb / 16P
   Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2906 LINER-LTC2906 Datasheet
191Kb / 16P
   Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2915 LINER-LTC2915 Datasheet
143Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC1326-2.5 LINER-LTC1326-2.5_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com