Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2905CTS8TRMPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2905CTS8TRMPBF
Description  Precision Dual Supply Monitors with Pin-Selectable Thresholds
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2905CTS8TRMPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2905CTS8TRMPBF Datasheet HTML 5Page - Linear Technology LTC2905CTS8TRMPBF Datasheet HTML 6Page - Linear Technology LTC2905CTS8TRMPBF Datasheet HTML 7Page - Linear Technology LTC2905CTS8TRMPBF Datasheet HTML 8Page - Linear Technology LTC2905CTS8TRMPBF Datasheet HTML 9Page - Linear Technology LTC2905CTS8TRMPBF Datasheet HTML 10Page - Linear Technology LTC2905CTS8TRMPBF Datasheet HTML 11Page - Linear Technology LTC2905CTS8TRMPBF Datasheet HTML 12Page - Linear Technology LTC2905CTS8TRMPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC2904/LTC2905
9
29045fd
APPLICATIONS INFORMATION
VX
RST
RST
tUV
tRST
1V
1V
VRTX
29045 TD
VX Monitor Timing
TIMING DIAGRAM
Supply Monitoring
The LTC2904/LTC2905 are low power, high accuracy dual
supply monitors with a common reset output and selectable
thresholds. Reset delay is set to a nominal of 200ms for
the LTC2904 and is adjustable using an external capacitor
for the LTC2905.
The two 3-state input pins (S1 and S2) select one of nine
possible threshold voltage combinations. Another three-
state input pin sets the supply tolerance (5%, 7.5% or
10%). Both input voltages (V1 and V2) must be above
predetermined thresholds for the reset not to be invoked.
The LTC2904/LTC2905 assert the reset outputs during
power-up, power-down and brownout conditions on either
of the voltage inputs.
Power-Up
The greater of V1, V2 is the internal supply voltage (VCC).
VCC powers the drive circuits for the RST pin. Therefore as
soon as V1 or V2 reaches 1V during power-up, the RST
output asserts low.
VCC also powers the drive circuits for the RST pin in the
LTC2904. Therefore, RST weakly pulls high when V1 or
V2 reaches at least 1V.
Threshold programming is complete when V1 reaches
at least 2.17V. After programming, if either V1 or V2 falls
below its programmed threshold, RST asserts low (RST
weakly pulls high) as long as VCC is at least 1V.
Once V1 and V2 rise above their thresholds, an internal
timer is started. After the programmed delay time, RST
weakly pulls high (RST asserts low).


Similar Part No. - LTC2905CTS8TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2905CTS8 LINER-LTC2905CTS8 Datasheet
155Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
More results

Similar Description - LTC2905CTS8TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2904 LINER-LTC2904 Datasheet
155Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2904 LINER-LTC2904_15 Datasheet
161Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2905 LINER-LTC2905_15 Datasheet
161Kb / 16P
   Precision Dual Supply Monitors with Pin-Selectable Thresholds
LTC2907 LINER-LTC2907_15 Datasheet
204Kb / 16P
   Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2906 LINER-LTC2906_15 Datasheet
204Kb / 16P
   Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2906 LINER-LTC2906 Datasheet
191Kb / 16P
   Precision Dual Supply Monitors with One Pin-Selectable Threshold and One Adjustable Input
LTC2915 LINER-LTC2915 Datasheet
143Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC1326-2.5 LINER-LTC1326-2.5_15 Datasheet
212Kb / 16P
   Micropower Precision Triple Supply Monitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com