Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1498IS8TR Datasheet(PDF) 4 Page - Linear Technology

Part # LT1498IS8TR
Description  Driving A-to-D Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1498IS8TR Datasheet(HTML) 4 Page - Linear Technology

  LT1498IS8TR Datasheet HTML 1Page - Linear Technology LT1498IS8TR Datasheet HTML 2Page - Linear Technology LT1498IS8TR Datasheet HTML 3Page - Linear Technology LT1498IS8TR Datasheet HTML 4Page - Linear Technology LT1498IS8TR Datasheet HTML 5Page - Linear Technology LT1498IS8TR Datasheet HTML 6Page - Linear Technology LT1498IS8TR Datasheet HTML 7Page - Linear Technology LT1498IS8TR Datasheet HTML 8Page - Linear Technology LT1498IS8TR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT1498/LT1499
14989fe
4
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the temperature range
0°C < TA < 70°C. VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IB
Input Bias Current
VCM = V+
VCM = V+ 0.1V
l
l
0
–780
275
–275
780
0
nA
nA
ΔIB
Input Bias Current Shift
VCM = V+ 0.1V to V+
l
550
1560
nA
Input Bias Current Match (Channel-to-Channel)
VCM = V+ (Note 5)
VCM = V+ 0.1V (Note 5)
l
l
0
–170
15
–15
170
0
nA
nA
IOS
Input Offset Current
VCM = V+
VCM = V+ 0.1V
l
l
10
10
85
85
nA
nA
ΔIOS
Input Offset Current Shift
VCM = V+ 0.1V to V+
l
20
170
nA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 75mV to 4.8V, RL = 10k
VS = 3V, VO = 75mV to 2.8V, RL = 10k
l
l
500
400
2500
2000
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V+ 0.1V to V+
VS = 3V, VCM = V+ 0.1V to V+
l
l
78
73
89
85
dB
dB
CMRR Match (Channel-to-Channel) (Note 5)
VS = 5V, VCM = V+ 0.1V to V+
VS = 3V, VCM = V+ 0.1V to V+
l
l
74
69
90
86
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 2.3V to 12V, VCM = VO = 0.5V
l
86
102
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = 2.3V to 12V, VCM = VO = 0.5V
l
80
102
dB
VOL
Output Voltage Swing (Low) (Note 6)
No Load
ISINK = 0.5mA
ISINK = 2.5mA
l
l
l
17
40
110
35
80
220
mV
mV
mV
VOH
Output Voltage Swing (High) (Note 6)
No Load
ISOURCE = 0.5mA
ISOURCE = 2.5mA
l
l
l
3.5
55
160
15
120
300
mV
mV
mV
ISC
Short-Circuit Current
VS = 5V
VS = 3V
l
l
±12
±10
±23
±20
mA
mA
IS
Supply Current per Amplifier
l
1.9
2.6
mA
GBW
Gain-Bandwidth Product (Note 7)
l
6.1
9
MHz
SR
Slew Rate (Note 8)
VS = 5V, AV = –1, RL = Open, VO = 4V
VS = 3V, AV = –1, RL = Open
l
l
2.5
2.2
4.0
3.5
V/μs
V/μs
The
l denotes the specifications which apply over the temperature range –40°C < TA < 85°C. VS = 5V, 0V; VS = 3V, 0V;
VCM = VOUT = half supply, unless otherwise noted. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
VCM = V+ 0.1V
l
l
250
250
750
750
μV
μV
VOS TC
Input Offset Voltage Drift (Note 3)
VCM = V+
l
l
0.5
1.5
2.5
4.0
μV/°C
μV/°C
ΔVOS
Input Offset Voltage Shift
VCM = V+ 0.1V to V+
l
250
650
μV
Input Offset Voltage Match (Channel-to-Channel) VCM = V+ 0.1V, V+ (Note 5)
l
300
1500
μV
IB
Input Bias Current
VCM = V+
VCM = V+ 0.1V
l
l
0
–975
350
–350
975
0
nA
nA
ΔIB
Input Bias Current Shift
VCM = V+ 0.1V to V+
l
700
1950
nA
Input Bias Current Match (Channel-to-Channel)
VCM = V+ (Note 5)
VCM = V+ 0.1V (Note 5)
l
l
0
–180
30
–30
180
0
nA
nA
IOS
Input Offset Current
VCM = V+
VCM = V+ 0.1V
l
l
15
15
110
110
nA
nA
ΔIOS
Input Offset Current Shift
VCM = V+ 0.1V to V+
l
30
220
nA


Similar Part No. - LT1498IS8TR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1498 LINER-LT1498 Datasheet
377Kb / 16P
   10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
LT1498 LINER-LT1498 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT1498 LINER-LT1498 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LT1498CN8 LINER-LT1498CN8 Datasheet
377Kb / 16P
   10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
LT1498CS8 LINER-LT1498CS8 Datasheet
377Kb / 16P
   10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
More results

Similar Description - LT1498IS8TR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
logo
DATEL, Inc.
ADS-919MM-QL DATEL-ADS-919MM-QL Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-926MC-C DATEL-ADS-926MC-C Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-926MM-QL-C DATEL-ADS-926MM-QL-C Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-930MC-C DATEL-ADS-930MC-C Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-942AME DATEL-ADS-942AME Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-942MC-C DATEL-ADS-942MC-C Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-943-C883 DATEL-ADS-943-C883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-943GC DATEL-ADS-943GC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-930-C883 DATEL-ADS-930-C883 Datasheet
107Kb / 1P
   Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com