Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3546IUFDTRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3546IUFDTRPBF
Description  Dual Synchronous, 3A/1A or 2A/2A Confi gurable Step-Down DC/DC Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3546IUFDTRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3546IUFDTRPBF Datasheet HTML 4Page - Linear Technology LTC3546IUFDTRPBF Datasheet HTML 5Page - Linear Technology LTC3546IUFDTRPBF Datasheet HTML 6Page - Linear Technology LTC3546IUFDTRPBF Datasheet HTML 7Page - Linear Technology LTC3546IUFDTRPBF Datasheet HTML 8Page - Linear Technology LTC3546IUFDTRPBF Datasheet HTML 9Page - Linear Technology LTC3546IUFDTRPBF Datasheet HTML 10Page - Linear Technology LTC3546IUFDTRPBF Datasheet HTML 11Page - Linear Technology LTC3546IUFDTRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
LTC3546
8
3546fb
VIN (V)
3.5
3546 G34
5.5
4.5
4.0
5.0
3.0
2.5
2.0
6
4
0
–4
2
–2
–6
–8
–10
FREQ 143k TO GND
FREQ TO VIN
OUT2 RDS(ON) vs VIN
OUT2 RDS(ON) vs VIN
Frequency Variation vs VIN
Frequency Variation vs
Temperature
OUT1 Minimum Peak Current
vs VBMC1
TYPICAL PERFORMANCE CHARACTERISTICS
VIN (V)
3.5
3546 G32
5.5
4.5
4.0
5.0
3.0
2.5
2.0
SW1D CONNECTED TO SW2
TA = 27°C
0.080
0.075
0.070
0.065
0.060
0.055
0.050
P-CHANNEL IMP
N-CHANNEL IMP
VIN (V)
3.5
3546 G33
5.5
4.5
4.0
5.0
3.0
2.5
2.0
SW1D CONNECTED TO SW1
TA = 27°C
0.120
0.115
0.105
0.095
0.110
0.100
0.090
0.085
0.075
0.080
0.070
P-CHANNEL IMP
N-CHANNEL IMP
TEMPERATURE (°C)
55
3546 G35
125
75
50
100
0
–25
–50
2
1
0
–4
–1
–2
–3
–5
–6
FREQ 143k TO GND
FREQ TO VIN
VBMC1 (V)
0.25
4.0
3.5
2.5
3.0
2.0
1.0
1.5
0.5
0
0.45
0.65
0.35
0.55
0.85
3546 G36
0.95
0.75
SW1D TO SW1
SW1D TO SW2
VIN = 3.6V
VBMC1 (V)
0.25
6
5
4
2
3
1
0
0.45
0.65
0.35
0.55
0.85
3546 G37
0.95
0.75
SW1D TO SW1
SW1D TO SW2
VIN = 3.6V
OUT2 Minimum Peak Current
vs VBMC2
OUT2 Efficiency vs Frequency
OUT1 RDS(ON) vs VIN
OUT1 RDS(ON) vs VIN
FREQUENCY (MHz)
3.5
3546 G29
4.0
3.0
2.5
2.0
1.5
1.0
0.5
SW1D CONNECTED TO SW1
VIN = 3.6V
VOUT = 2.5V
ILOAD = 400mA
95
94
93
92
91
90
86
87
88
89
85
VIN (V)
3.5
3546 G30
5.5
4.5
4.0
5.0
3.0
2.5
2.0
SW1D CONNECTED TO SW1
TA = 27°C
0.120
0.115
0.105
0.095
0.110
0.100
0.090
0.085
0.075
0.080
0.070
P-CHANNEL IMP
N-CHANNEL IMP
VIN (V)
3.5
3546 G31
5.5
4.5
4.0
5.0
3.0
2.5
2.0
SW1D CONNECTED TO SW2
TA = 27°C
0.24
0.23
0.21
0.19
0.22
0.20
0.18
0.17
0.16
0.15
P-CHANNEL IMP
N-CHANNEL IMP


Similar Part No. - LTC3546IUFDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3546 LINER-LTC3546_15 Datasheet
367Kb / 30P
   Dual Synchronous, 3A/1A or 2A/2A Configurable Step-Down DC/DC Regulator
More results

Similar Description - LTC3546IUFDTRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3546 LINER-LTC3546_15 Datasheet
367Kb / 30P
   Dual Synchronous, 3A/1A or 2A/2A Configurable Step-Down DC/DC Regulator
logo
Global Mixed-mode Techn...
G5796 GMT-G5796 Datasheet
88Kb / 1P
   500kHz 2A/3A Synchronous Step-down DC/DC
G5798 GMT-G5798 Datasheet
76Kb / 1P
   500kHz 2A/3A Synchronous Step-down DC/DC
logo
Fairchild Semiconductor
FAN8303 FAIRCHILD-FAN8303 Datasheet
636Kb / 12P
   2A 23V Non-Synchronous Step-Down DC/DC Regulator
FAN8301 FAIRCHILD-FAN8301 Datasheet
618Kb / 12P
   2A, 16V, Non-Synchronous, Step-Down, DC/DC Regulator
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
   2A Synchronous Step-Down DC/DC Converters
logo
ELM Electronics
ELM605DA ELM-ELM605DA Datasheet
827Kb / 13P
   2A synchronous step-down DC/DC converter
logo
Torex Semiconductor
XD9242 TOREX-XD9242 Datasheet
2Mb / 30P
   2A Synchronous Step-Down DC/DC Converters
logo
Maxim Integrated Produc...
MAX15021ATI MAXIM-MAX15021ATI Datasheet
338Kb / 24P
   Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator
Rev 1; 8/12
logo
Global Mixed-mode Techn...
G5654 GMT-G5654 Datasheet
81Kb / 1P
   2A Step-down DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com