Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3855IFEPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3855IFEPBF
Description  Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3855IFEPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3855IFEPBF Datasheet HTML 6Page - Linear Technology LTC3855IFEPBF Datasheet HTML 7Page - Linear Technology LTC3855IFEPBF Datasheet HTML 8Page - Linear Technology LTC3855IFEPBF Datasheet HTML 9Page - Linear Technology LTC3855IFEPBF Datasheet HTML 10Page - Linear Technology LTC3855IFEPBF Datasheet HTML 11Page - Linear Technology LTC3855IFEPBF Datasheet HTML 12Page - Linear Technology LTC3855IFEPBF Datasheet HTML 13Page - Linear Technology LTC3855IFEPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
LTC3855
0
3855f
pin FuncTions
BOOST1,BOOST2(Pin32,Pin24/Pin29,Pin21):Boosted
Floating Driver Supplies. The (+) terminal of the bootstrap
capacitors connect to these pins. These pins swing from a
diode voltage drop below INTVCC up to VIN + INTVCC.
TG1, TG2 (Pin 33, Pin 23/Pin 30, Pin 20): Top Gate
Driver Outputs. These are the outputs of floating drivers
with a voltage swing equal to INTVCC superimposed on
the switch nodes voltages.
SW1, SW2 (Pin 34, Pin 22/Pin 31, Pin 19): Switch Node
Connections to Inductors. Voltage swing at these pins
is from a Schottky diode (external) voltage drop below
ground to VIN.
PHASMD (Pin 36/Pin 33): This pin can be tied to SGND,
tied to INTVCC or left floating. This pin determines the
relative phases between the internal controllers as well
as the phasing of the CLKOUT signal. See Table 1 in the
Operation section.
CLKOUT(Pin35/Pin32):Clockoutputwithphasechange-
able by PHASMD to enable usage of multiple LTC3855 in
multiphase systems.
MODE/PLLIN (Pin 37/Pin 34): This is a dual purpose pin.
When external frequency synchronization is not used,
this pin selects the operating mode. The pin can be tied
to SGND, tied to INTVCC or left floating. SGND enables
forced continuous mode. INTVCC enables pulse-skipping
mode.FloatingenablesBurstModeoperation.Forexternal
sync, apply a clock signal to this pin. Both channels will
go into forced continuous mode and the internal PLL will
synchronize the internal oscillator to the clock. The PLL
compensation network is integrated into the IC.
FREQ (Pin 38/Pin 35): There is a precision 10µA current
flowing out of this pin. A resistor to ground sets a voltage
which in turn programs the frequency. Alternatively, this
pin can be driven with a DC voltage to vary the frequency
of the internal oscillator.
SGND (Exposed Pad Pin 39/ Pin 4, Exposed Pad Pin 41):
Signal Ground. All small-signal components and com-
pensation components should connect to this ground,
which in turn connects to PGND at one point. Exposed
pad must be soldered to PCB, providing a local ground
for the control components of the IC, and be tied to the
PGND pin under the IC.
(FE38/UJ40)


Similar Part No. - LTC3855IFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3855 LINER-LTC3855 Datasheet
2Mb / 40P
   Dual, 2-Phase Synchronous Step-Down DC/DC Controllers
logo
Analog Devices
LTC3855 AD-LTC3855 Datasheet
2Mb / 34P
   40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
logo
Linear Technology
LTC3855 LINER-LTC3855 Datasheet
349Kb / 30P
   550kHz, PolyPhase, High Efficiency, Synchronous Step-Down Switching Regulator
logo
Analog Devices
LTC3855 AD-LTC3855 Datasheet
1Mb / 34P
   40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
logo
Linear Technology
LTC3855 LINER-LTC3855 Datasheet
398Kb / 32P
   2-Phase, High Efficiency DC/DC Controller for Intel Mobile CPUs
More results

Similar Description - LTC3855IFEPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3855 LINER-LTC3855_15 Datasheet
2Mb / 44P
   Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
logo
Fairchild Semiconductor
SG1577A FAIRCHILD-SG1577A_10 Datasheet
856Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_12 Datasheet
848Kb / 14P
   Dual Synchronous DC/DC Controller
FAN1577A FAIRCHILD-FAN1577A Datasheet
1Mb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577 Datasheet
653Kb / 14P
   Dual Synchronous DC/DC Controller
SG1577A FAIRCHILD-SG1577A Datasheet
582Kb / 15P
   Dual Synchronous DC/DC Controller
SG1577 FAIRCHILD-SG1577_10 Datasheet
863Kb / 15P
   Dual Synchronous DC/DC Controller
logo
ON Semiconductor
CS5421 ONSEMI-CS5421 Datasheet
298Kb / 14P
   Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
logo
Linear Technology
LTC3811 LINER-LTC3811_15 Datasheet
544Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
LTC3811 LINER-LTC3811 Datasheet
539Kb / 48P
   High Speed Dual, Multiphase Step-Down DC/DC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com