Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2472IDDPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2472IDDPBF
Description  System Monitoring
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2472IDDPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC2472IDDPBF Datasheet HTML 1Page - Linear Technology LTC2472IDDPBF Datasheet HTML 2Page - Linear Technology LTC2472IDDPBF Datasheet HTML 3Page - Linear Technology LTC2472IDDPBF Datasheet HTML 4Page - Linear Technology LTC2472IDDPBF Datasheet HTML 5Page - Linear Technology LTC2472IDDPBF Datasheet HTML 6Page - Linear Technology LTC2472IDDPBF Datasheet HTML 7Page - Linear Technology LTC2472IDDPBF Datasheet HTML 8Page - Linear Technology LTC2472IDDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC2470/LTC2472
1
24702f
–50
–10
10
–30
50
70
30
90
TEMPERATURE (°C)
1.2520
1.2515
1.2510
1.2505
1.2500
24702 TA01b
1.2480
1.2485
1.2490
1.2495
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Selectable 250sps/1ksps,
16-Bit ΔΣ ADCs with 10ppm/°C
Max Precision Reference
The LTC®2470/LTC2472 are small, 16-bit analog-to-digital
converters with an integrated precision reference and
a selectable 250sps or 1ksps output rate. They use a
single 2.7V to 5.5V supply and communicate through a
SPI Interface. The LTC2470 is single-ended with a 0V to
VREF input range and the LTC2472 is differential with a
±VREF input range. Both ADC’s include a 1.25V integrated
reference with 2ppm/°C drift performance and 0.1% initial
accuracy. The converters are available in a 12-pin DFN
3mm × 3mm package or an MSOP-12 package. They
include an integrated oscillator and perform conver-
sions with no latency for multiplexed applications. The
LTC2470/LTC2472 include a proprietary input sampling
scheme that reduces the average input current several
orders of magnitude when compared to conventional
delta sigma converters.
Following a single conversion, the LTC2470/LTC2472
automatically power down the converter and can also be
configured to power down the reference. When both the
ADC and reference are powered down, the supply current
is reduced to 200nA.
The LTC2470/LTC2472 include a user selectable 250sps
or 1ksps output rate and due to a large oversampling
ratio (8,192 at 250sps and 2,048 at 1ksps) have relaxed
anti-aliasing requirements.
VREF vs Temperature
n 16-Bit Resolution, No Missing Codes
n Internal, High Accuracy Reference—10ppm/°C (Max)
n Single-Ended (LTC2470) or Differential (LTC2472)
n Selectable 250sps/1ksps Output Rate
n 1mV Offset Error
n 0.01% Gain Error
n Single Conversion Settling Time for Multiplexed
Applications
n Single-Cycle Operation with Auto Shutdown
n 3.5mA (Typ) Supply Current
n 2μA (Max) Sleep Current
n Internal Oscillator—No External Components
Required
n SPI Interface
n Small 12-Lead, 3mm × 3mm DFN and MSOP
Packages
n System Monitoring
n Environmental Monitoring
n Direct Temperature Measurements
n Instrumentation
n Industrial Process Control
n Data Acquisition
n Embedded ADC Upgrades
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6208279, 6411242, 7088280, 7164378.
10k
10k
10k
R
SCK
SPI
INTERFACE
SDO
CS
0.1μF
0.1μF
2.7V TO 5.5V
10μF
0.1μF
IN+
REFOUT
REF
VCC
0.1μF
COMP
GND
IN
0.1μF
LTC2472
24702 TA01a


Similar Part No. - LTC2472IDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2472 LINER-LTC2472_15 Datasheet
383Kb / 22P
   Selectable 208sps/833sps, 16-Bit ADCs with 10ppm/C Max Precision Reference
More results

Similar Description - LTC2472IDDPBF

ManufacturerPart #DatasheetDescription
logo
TOKYO SEIMITSU CO., LTD
PULCOMAB-10 ACCRETECH-PULCOMAB-10 Datasheet
2Mb / 20P
   PROCESS MONITORING SYSTEM
logo
OmniVision Technologies...
OX01A10 OMNIVISION-OX01A10 Datasheet
671Kb / 2P
   Camera Monitoring System
logo
JDS Uniphase Corporatio...
RPM3000 JDSU-RPM3000 Datasheet
236Kb / 2P
   Monitoring Module for PathTrak Return Monitoring System
logo
Microchip Technology
AN238 MICROCHIP-AN238 Datasheet
459Kb / 12P
   Tire Pressure Monitoring (TPM) System
2004
logo
Balluff Korea Ltd.
BIS01E7 BALLUFF-BIS01E7 Datasheet
120Kb / 2P
   Smart Automation and Monitoring System
BIS01E6 BALLUFF-BIS01E6 Datasheet
119Kb / 2P
   Smart Automation and Monitoring System
logo
Analog Devices
AD7280 AD-AD7280 Datasheet
331Kb / 33P
   Lithium Ion Battery Monitoring System
Rev. PrD
logo
Balluff Korea Ltd.
BIS01E2 BALLUFF-BIS01E2 Datasheet
124Kb / 2P
   Smart Automation and Monitoring System
logo
MKS Instruments.
VISION2000-P MKS-VISION2000-P Datasheet
353Kb / 4P
   HIGH PERFORMANCE PROCESS MONITORING SYSTEM
logo
Balluff Korea Ltd.
BIS01E5 BALLUFF-BIS01E5 Datasheet
118Kb / 2P
   Smart Automation and Monitoring System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com