Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2619CGNPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2619CGNPBF
Description  Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2619CGNPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2619CGNPBF Datasheet HTML 5Page - Linear Technology LTC2619CGNPBF Datasheet HTML 6Page - Linear Technology LTC2619CGNPBF Datasheet HTML 7Page - Linear Technology LTC2619CGNPBF Datasheet HTML 8Page - Linear Technology LTC2619CGNPBF Datasheet HTML 9Page - Linear Technology LTC2619CGNPBF Datasheet HTML 10Page - Linear Technology LTC2619CGNPBF Datasheet HTML 11Page - Linear Technology LTC2619CGNPBF Datasheet HTML 12Page - Linear Technology LTC2619CGNPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTC2609/LTC2619/LTC2629
9
26091929fa
TYPICAL PERFORMANCE CHARACTERISTICS
Large-Signal Response
Mid-Scale Glitch Impulse
Power-On Reset Glitch
LTC2609/LTC2619/LTC2629
Headroom at Rails
vs Output Current
Power-On Reset to Mid-Scale
Supply Current vs Logic Voltage
2.5μs/DIV
VOUT
0.5V/DIV
2609 G23
VREF = VCC = 5V
1/4 SCALE TO 3/4 SCALE
VOUT
10mV/DIV
SCL
2V/DIV
2.5μs/DIV
2609 G24
TRANSITION FROM
MS-1 TO MS
TRANSITION FROM
MS TO MS-1
9TH CLOCK
OF 3RD DATA
BYTE
VOUT
10mV/DIV
250μs/DIV
2609 G25
VCC
1V/DIV
4mV PEAK
IOUT (mA)
0
1
2
3
4
5
6
7
8
910
2609 G26
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
5V SOURCING
3V SOURCING
3V SINKING
5V SINKING
1V/DIV
500μs/DIV
2606 G27
VCC
VOUT
VREF = VCC
LOGIC VOLTAGE (V)
0
1.0
1.1
1.3
1.4
1.5
3
3.5
4
4.5
1.9
2609 G28
1.2
0.5
1
1.5
2
2.5
5
1.6
1.7
1.8
VCC = 5V
SWEEP SCL
AND SDA
0V TO VCC
AND VCC TO 0V


Similar Part No. - LTC2619CGNPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2619CGN LINER-LTC2619CGN Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2619CGN-1 LINER-LTC2619CGN-1 Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results

Similar Description - LTC2619CGNPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2609 LINER-LTC2609_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609 Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2619 LINER-LTC2619_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2629 LINER-LTC2629_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2626 LINER-LTC2626_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2616 LINER-LTC2616_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
logo
Analog Devices
LTC2606 AD-LTC2606 Datasheet
651Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs I2C Interface
logo
Linear Technology
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com