Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1499ISPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LT1499ISPBF
Description  Driving A-to-D Converters
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1499ISPBF Datasheet(HTML) 5 Page - Linear Technology

  LT1499ISPBF Datasheet HTML 1Page - Linear Technology LT1499ISPBF Datasheet HTML 2Page - Linear Technology LT1499ISPBF Datasheet HTML 3Page - Linear Technology LT1499ISPBF Datasheet HTML 4Page - Linear Technology LT1499ISPBF Datasheet HTML 5Page - Linear Technology LT1499ISPBF Datasheet HTML 6Page - Linear Technology LT1499ISPBF Datasheet HTML 7Page - Linear Technology LT1499ISPBF Datasheet HTML 8Page - Linear Technology LT1499ISPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT1498/LT1499
14989fe
5
The
l denotes the specifications which apply over the temperature range –55°C < TA < 125°C. VS = 5V, 0V; VS = 3V, 0V;
VCM = VOUT = half supply, unless otherwise noted. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+ – 0.5V
VCM = V+ 0.5V
l
l
300
300
1100
1100
μV
μV
VOS TC
Input Offset Voltage Drift (Note 3)
VCM = V+ – 0.5V
l
l
0.5
1.5
μV/°C
μV/°C
ΔVOS
Input Offset Voltage Shift
VCM = V+ 0.5V to V+ – 0.5V
l
250
2300
μV
Input Offset Voltage Match (Channel-to-Channel) VCM = V+ 0.5V, V+ – 0.5V (Note 5)
l
300
1900
μV
IB
Input Bias Current
VCM = V+ – 0.5V
VCM = V+ 0.5V
l
l
0
–1100
450
–450
1100
0
nA
nA
ΔIB
Input Bias Current Shift
VCM = V+ 0.5V to V+ – 0.5V
l
900
2200
nA
Input Bias Current Match (Channel-to-Channel)
VCM = V+ – 0.5V (Note 5)
VCM = V+ 0.5V (Note 5)
l
l
0
–400
40
–40
400
0
nA
nA
IOS
Input Offset Current
VCM = V+ – 0.5V
VCM = V+ 0.5V
l
l
40
40
300
300
nA
nA
ΔIOS
Input Offset Current Shift
VCM = V+ 0.5V to V+ – 0.5V
l
80
600
nA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.5mV to 4.5V, RL = 10k
VS = 3V, VO = 0.5mV to 2.5V, RL = 10k
l
l
40
20
210
210
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V+ 0.5V to V+ – 0.5V
VS = 3V, VCM = V+ 0.5V to V+ – 0.5V
l
l
66
62
80
75
dB
dB
CMRR Match (Channel-to-Channel) (Note 5)
VS = 5V, VCM = V+ 0.5V to V+ – 0.5V
VS = 3V, VCM = V+ 0.5V to V+ – 0.5V
l
l
62
58
80
75
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12V, VCM = VO = 0.5V
l
86
100
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = 2.5V to 12V, VCM = VO = 0.5V
l
80
100
dB
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the temperature range
–40°C < TA < 85°C. VS = 5V, 0V; VS = 3V, 0V; VCM = VOUT = half supply, unless otherwise noted. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 75mV to 4.8V, RL = 10k
VS = 3V, VO = 75mV to 2.8V, RL = 10k
l
l
400
300
2500
2000
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V+ 0.1V to V+
VS = 3V, VCM = V+ 0.1V to V+
l
l
77
73
86
81
dB
dB
CMRR Match (Channel-to-Channel) (Note 5)
VS = 5V, VCM = V+ 0.1V to V+
VS = 3V, VCM = V+ 0.1V to V+
l
l
72
69
86
83
dB
dB
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 12V, VCM = VO = 0.5V
l
86
100
dB
PSRR Match (Channel-to-Channel) (Note 5)
VS = 2.5V to 12V, VCM = VO = 0.5V
l
80
100
dB
VOL
Output Voltage Swing (Low) (Note 6)
No Load
ISINK = 0.5mA
ISINK = 2.5mA
l
l
l
18
45
110
40
80
220
mV
mV
mV
VOH
Output Voltage Swing (High) (Note 6)
No Load
ISOURCE = 0.5mA
ISOURCE = 2.5mA
l
l
l
3.5
60
170
15
120
300
mV
mV
mV
ISC
Short-Circuit Current
VS = 5V
VS = 3V
l
l
±7.5
±7.5
±15
±15
mA
mA
IS
Supply Current per Amplifier
l
2.0
2.7
mA
GBW
Gain-Bandwidth Product (Note 7)
l
5.8
8.5
MHz
SR
Slew Rate (Note 8)
VS = 5V, AV = –1, RL = Open, VO = 4V
VS = 3V, AV = –1, RL = Open
l
l
2.2
1.9
3.6
3.2
V/μs
V/μs


Similar Part No. - LT1499ISPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1499 LINER-LT1499 Datasheet
377Kb / 16P
   10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
LT1499 LINER-LT1499 Datasheet
1Mb / 28P
   1.3MHz, 20關A Power Efficient Rail-to-Rail I/O Op Amps
LT1499 LINER-LT1499 Datasheet
1Mb / 26P
   30MHz, 240關A Power Efficient Rail-to-Rail I/O Op Amps
LT1499CS LINER-LT1499CS Datasheet
377Kb / 16P
   10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
LT1499 LINER-LT1499_15 Datasheet
291Kb / 24P
   10MHz, 6V/s, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps
More results

Similar Description - LT1499ISPBF

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1000 NSC-DAC1000 Datasheet
854Kb / 23P
   DOUBLE-BUFFERED D TO A CONVERTERS
logo
DATEL, Inc.
ADS-919MM-QL DATEL-ADS-919MM-QL Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-926MC-C DATEL-ADS-926MC-C Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-926MM-QL-C DATEL-ADS-926MM-QL-C Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-930MC-C DATEL-ADS-930MC-C Datasheet
107Kb / 1P
   Sampling A/D Converters
ADS-942AME DATEL-ADS-942AME Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-942MC-C DATEL-ADS-942MC-C Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-943-C883 DATEL-ADS-943-C883 Datasheet
106Kb / 1P
   Sampling A/D Converters
ADS-943GC DATEL-ADS-943GC Datasheet
105Kb / 1P
   Sampling A/D Converters
ADS-930-C883 DATEL-ADS-930-C883 Datasheet
107Kb / 1P
   Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com