Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2629 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2629
Description  Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2629 Datasheet(HTML) 3 Page - Linear Technology

  LTC2629 Datasheet HTML 1Page - Linear Technology LTC2629 Datasheet HTML 2Page - Linear Technology LTC2629 Datasheet HTML 3Page - Linear Technology LTC2629 Datasheet HTML 4Page - Linear Technology LTC2629 Datasheet HTML 5Page - Linear Technology LTC2629 Datasheet HTML 6Page - Linear Technology LTC2629 Datasheet HTML 7Page - Linear Technology LTC2629 Datasheet HTML 8Page - Linear Technology LTC2629 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC2609/LTC2619/LTC2629
3
26091929fa
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REFA = REFB = REFC = REFD = 4.096V (VCC = 5V), REFA = REFB =
REFC = REFD = 2.048V (VCC = 2.7V). REFLO = 0V, VOUT = unloaded, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
LTC2629/LTC2629-1 LTC2619/LTC2619-1 LTC2609/LTC2609-1
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
DC Performance
Resolution
l
12
14
16
Bits
Monotonicity
(Note 2)
l
12
14
16
Bits
DNL
Differential Nonlinearity
(Note 2)
l
±0.5
±1
±1
LSB
INL
Integral Nonlinearity
(Note 2)
l
±1
±4
±4
±16
±16
±64
LSB
Load Regulation
VREF = VCC = 5V, Mid-Scale
IOUT = 0mA to 15mA Sourcing
IOUT = 0mA to 15mA Sinking
l
l
0.02
0.02
0.125
0.125
0.1
0.1
0.5
0.5
0.3
0.4
2
2
LSB/mA
LSB/mA
VREF = VCC = 2.7V, Mid-Scale
IOUT = 0mA to 7.5mA Sourcing
IOUT = 0mA to 7.5mA Sinking
l
l
0.04
0.05
0.25
0.25
0.2
0.2
1
1
0.7
0.8
4
4
LSB/mA
LSB/mA
ZSE
Zero-Scale Error
Code = 0
l
1.5
9
1.5
9
1.5
9
mV
VOS
Offset Error
(Note 4)
l
±1
±9
±1
±9
±1
±9
mV
VOS Temperature
Coefficient
±6
±6
±6
μV/°C
GE
Gain Error
l
±0.1
±0.7
±0.1
±0.7
±0.1
±0.7
%FSR
Gain Temperature
Coefficient
±3
±3
±3
ppm/°C
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REFA = REFB = REFC = REFD = 4.096V (VCC = 5V), REFA = REFB =
REFC = REFD = 2.048V (VCC = 2.7V). REFLO = 0V, VOUT = unloaded, unless otherwise noted. (Note 9)
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSR
Power Supply Rejection
VCC ±10%
–80
dB
ROUT
DC Output Impedance
VREF = VCC = 5V, Mid-Scale; –15mA ≤ IOUT ≤ 15mA
VREF = VCC = 2.7V, Mid-Scale; –7.5mA ≤ IOUT ≤ 7.5mA
l
l
0.030
0.035
0.15
0.15
Ω
Ω
DC Crosstalk (Note 10)
Due to Full-Scale Output Change (Note 11)
Due to Load Current Change
Due to Powering Down (Per Channel)
±5
±4
±4
μV
μV/mA
μV
ISC
Short-Circuit Output Current
VCC = 5.5V, VREF = 5.5V
Code: Zero-Scale; Forcing Output to VCC
Code: Full-Scale; Forcing Output to GND
l
l
15
15
36
36
60
60
mA
mA
VCC = 2.7V, VREF = 2.7V
Code: Zero-Scale; Forcing Output to VCC
Code: Full-Scale; Forcing Output to GND
l
l
7.5
7.5
22
30
50
50
mA
mA
Reference Input
Input Voltage Range
l
0VCC
V
Resistance
Normal Mode
l
88
125
160
Capacitance
14
pF
IREF
Reference Current, Power Down Mode
DAC Powered Down
l
0.001
1
μA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
l
2.7
5.5
V
ICC
Supply Current
VCC = 5V (Note 3)
VCC = 3V (Note 3)
DAC Powered Down (Note 3) VCC = 5V
DAC Powered Down (Note 3) VCC = 3V
l
l
l
l
1.25
1
0.35
0.15
2
1.6
1
1
mA
mA
μA
μA


Similar Part No. - LTC2629

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2629 LINER-LTC2629 Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2629CGN LINER-LTC2629CGN Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2629CGN-1 LINER-LTC2629CGN-1 Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2629IGN LINER-LTC2629IGN Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2629IGN-1 LINER-LTC2629IGN-1 Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results

Similar Description - LTC2629

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2609 LINER-LTC2609_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2609 LINER-LTC2609 Datasheet
318Kb / 20P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2619 LINER-LTC2619_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2629 LINER-LTC2629_15 Datasheet
336Kb / 22P
   Quad 16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2626 LINER-LTC2626_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2616 LINER-LTC2616_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2606 LINER-LTC2606_15 Datasheet
283Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
logo
Analog Devices
LTC2606 AD-LTC2606 Datasheet
651Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs I2C Interface
logo
Linear Technology
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com