Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JXMBLB-T-P20-02-C Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # JXMBLB-T-P20-02-C
Description  PHS Cavity Filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

JXMBLB-T-P20-02-C Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  JXMBLB-T-P20-02-C Datasheet HTML 1Page - American Accurate Components, Inc. JXMBLB-T-P20-02-C Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PHS Cavity Filter
The content of this specification may change without notification 9/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
PHS Cavity Filter
Applications
PHS System
Features
High “Q”, Low Insertion Loss
Asymmetric Pseudo Elliptic Designs, High Selectivity,
47dB Minimum 10MHz From Passband Edges
Coaxial Cavity Housing, High Reliability,
High Power Handling
Custom Designs Available
Technical Specifications
P/N
JXMBLB-T-P10-01-C
JXMBLB-T-P20-01-C
JXMBLB-T-P15-01-C
Frequency Range
1900-1910MHz
1900-1920MHz
1900-1915MHz
Insertion Loss
1.0dB max; 0.8dB typical
1.0dB max; 0.8dB typical
1.0dB max; 0.8dB typical
Return Loss
≥20dB
≥20dB
≥20dB
Rejection
≥47dB@1920-1980MHz
≥47dB@1930-1980MHz
≥47dB@1925-1980MHz
Port Connector
SMA-Female
SMA-Female
SMA-Female
Size
121 x 82 x 27 mm
(Not including connectors, tuning screws)


Similar Part No. - JXMBLB-T-P20-02-C

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
JXMBLB-T-T15-01-C AAC-JXMBLB-T-T15-01-C Datasheet
474Kb / 2P
   TD-SCDMA Base Station Filter
JXMBLB-T-T15-02-C AAC-JXMBLB-T-T15-02-C Datasheet
474Kb / 2P
   TD-SCDMA Base Station Filter
More results

Similar Description - JXMBLB-T-P20-02-C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
803-RF243.95M-A OSCILENT-803-RF243.95M-A Datasheet
230Kb / 4P
   PHS, RF SAW Filter
862-RF243.95M-A OSCILENT-862-RF243.95M-A Datasheet
242Kb / 6P
   PHS, IF SAW Filter
802-RF243.95M-C OSCILENT-802-RF243.95M-C Datasheet
199Kb / 6P
   PHS, IF SAW Filter
803-RF243.95M-B OSCILENT-803-RF243.95M-B_14 Datasheet
186Kb / 4P
   PHS, IF SAW Filter
803-RF243.95M-A OSCILENT-803-RF243.95M-A_14 Datasheet
336Kb / 7P
   PHS, IF SAW Filter
863-RF243.95M-A OSCILENT-863-RF243.95M-A Datasheet
170Kb / 3P
   PHS, IF SAW Filter
logo
Transko Electronics, In...
TA243AM1 TRANSKO-TA243AM1 Datasheet
501Kb / 5P
   PHS, IF SAW Filter
Revision 0: December 2004
TA243BP TRANSKO-TA243BP Datasheet
370Kb / 3P
   PHS, IF SAW Filter
Revision 0: January 2006
TA243DM7 TRANSKO-TA243DM7 Datasheet
316Kb / 5P
   PHS, IF SAW Filter
Revision 0: August 2012
logo
Mini-Circuits
ZVBP-909 MINI-ZVBP-909 Datasheet
431Kb / 3P
   Bandpass Cavity Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com