Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1468IS8-2PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LT1468IS8-2PBF
Description  16-Bit DAC Current-to-Voltage Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1468IS8-2PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1468IS8-2PBF Datasheet HTML 4Page - Linear Technology LT1468IS8-2PBF Datasheet HTML 5Page - Linear Technology LT1468IS8-2PBF Datasheet HTML 6Page - Linear Technology LT1468IS8-2PBF Datasheet HTML 7Page - Linear Technology LT1468IS8-2PBF Datasheet HTML 8Page - Linear Technology LT1468IS8-2PBF Datasheet HTML 9Page - Linear Technology LT1468IS8-2PBF Datasheet HTML 10Page - Linear Technology LT1468IS8-2PBF Datasheet HTML 11Page - Linear Technology LT1468IS8-2PBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LT1468-2
8
14682fa
APPLICATIONS INFORMATION
The LT1468-2 may be inserted directly into many operational
amplifier applications improving both DC and AC perfor-
mance, provided that the nulling circuitry is removed. The
suggested nulling circuit for the LT1468-2 is shown below.
Offset Nulling
+
LT1468-2
1
5
100k
V
V+
4
2.2μF
0.1μF
2.2μF
0.1μF
7 6
3
2
14682 AI01
and minimize leakage (i.e., 1.5GΩ of leakage between an
input and a 15V supply will generate 10nA—equal to the
maximum IB– specification.)
Board leakage can be minimized by encircling the input
circuitry with a guard ring operated at a potential close
to that of the inputs. For inverting configurations tie the
ring to ground, in noninverting connections tie the ring
to the inverting input (note the input capacitance will
increase which may require a compensating capacitor as
discussed below.)
Microvolt level error voltages can also be generated in
the external circuitry. Thermocouple effects caused by
temperature gradients across dissimilar metals at the
contacts to the inputs can exceed the inherent drift of
the amplifier. Air currents over device leads should be
minimized, package leads should be short, and the two
input leads should be as close together as possible and
maintained at the same temperature.
Make no connection to Pin 8. This pin is used for factory
trim of the inverting input current.
The parallel combination of the feedback resistor and gain
setting resistor on the inverting input can combine with the
input capacitance to form a pole that can cause peaking or
even oscillations. A feedback capacitor of the value:
CF = (RG)(CIN/RF)
may be used to cancel the input pole and optimize dynamic
performance. For applications where the DC noise gain is
one, and a large feedback resistor is used, CF should be
less than or equal to one half of CIN. An example would
be a DAC I-to-V converter as shown on the front page of
this data sheet where the DAC can have many tens of pF
of output capacitance.
Gain of 2 Stable
The LT1468-2 is a decompensated version of the LT1468.
The precision DC performance is identical, but the internal
compensation capacitors have been reduced to a point
where the op amp needs a gain of 2 or greater in order
to be stable.
In general, for applications where the gain around the op
amp is ≥ 2, the decompensated version should be used,
because it will give the best AC performance. In applica-
tions where the gain is < 2, the unity-gain stable version
should be used.
The appropriate way to define the ‘gain’ is as the inverse
of the feedback ratio from output to differential input,
including all relevant parasitics. Moreover, as with all
feedback loops, the stability of the loop depends on the
value of that feedback ratio at frequencies where the total
loop-gain would cross unity. Therefore, it is possible to
have circuits in which the gain at DC is lower than the gain
at high frequency, and these circuits can be stable even
with a non unity-gain stable op amp. An example is many
current-output DAC buffer applications.
Layout and Passive Components
The LT1468 requires attention to detail in board layout
in order to maximize DC and AC performance. For best
AC results (for example fast settling time) use a ground
plane, short lead lengths, and RF-quality bypass capacitors
(0.01μF to 0.1μF) in parallel with low ESR bypass capaci-
tors (1μF to 10μF tantalum). For best DC performance, use
“star” grounding techniques, equalize input trace lengths
Nulling Input Capacitance
+
LT1468-2
14682 AI02
RG
RF
CIN
CF
VIN
VOUT


Similar Part No. - LT1468IS8-2PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1468IS8-2-PBF LINER-LT1468IS8-2-PBF Datasheet
187Kb / 12P
   200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
LT1468IS8-2-TRPBF LINER-LT1468IS8-2-TRPBF Datasheet
187Kb / 12P
   200MHz, 30V/關s 16-Bit Accurate AV ??2 Op Amp
More results

Similar Description - LT1468IS8-2PBF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5753 AD-AD5753 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage DAC
AD7846 AD-AD7846 Datasheet
616Kb / 16P
   16-Bit Voltage Output DAC
REV. E
logo
Texas Instruments
DAC5681 TI-DAC5681_15 Datasheet
1Mb / 48P
[Old version datasheet]   16-BIT, 1.0 GSPS Digital-to-Analog Converter (DAC)
DAC5681 TI-DAC5681 Datasheet
1Mb / 47P
[Old version datasheet]   16-BIT, 1.0 GSPS DIGITAL-TO-ANALOG CONVERTER (DAC)
logo
Analog Devices
AD5758 AD-AD5758 Datasheet
2Mb / 72P
   Single-Channel, 16-Bit Current and Voltage Output DAC
AD7846 AD-AD7846_10 Datasheet
451Kb / 24P
   LC2MOS 16-Bit Voltage Output DAC
Rev. G
DAC16 AD-DAC16 Datasheet
190Kb / 12P
   16-Bit High Speed Current-Output DAC
REV. B
DAC16 AD-DAC16_15 Datasheet
629Kb / 12P
   16-Bit High Speed Current-Output DAC
logo
Micro Analog systems
MAS9316 MAS-MAS9316 Datasheet
141Kb / 8P
   16-BIT DAC
logo
Analog Devices
LTC2688 AD-LTC2688 Datasheet
2Mb / 42P
   16-Channel, 16-Bit Voltage Output SoftSpan DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com