Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNC26013 Datasheet(PDF) 8 Page - SONiX Technology Company

Part # SNC26013
Description  One Channel Speech Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC26013 Datasheet(HTML) 8 Page - SONiX Technology Company

Back Button SNC26013 Datasheet HTML 3Page - SONiX Technology Company SNC26013 Datasheet HTML 4Page - SONiX Technology Company SNC26013 Datasheet HTML 5Page - SONiX Technology Company SNC26013 Datasheet HTML 6Page - SONiX Technology Company SNC26013 Datasheet HTML 7Page - SONiX Technology Company SNC26013 Datasheet HTML 8Page - SONiX Technology Company SNC26013 Datasheet HTML 9Page - SONiX Technology Company SNC26013 Datasheet HTML 10Page - SONiX Technology Company SNC26013 Datasheet HTML 11Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SNC26013
One Channel Speech Controller
Ver: 1.7
October 14, 2009
8
7. ELECTRICAL CHARACTERISTICS
Item
Sym.
Min.
Typ. Max. Unit
Condition
Operating Voltage
VDD
2.4
3.0
5.5
V
Standby current
ISBY
-
-
3.0
6.0
uA
VDD=3V, no load
VDD=4.5V, no load
Operating Current
IOPR
-
300
-
uA
VDD=3V, no load
Input current of P2
IIH
-
3.0
-
uA
VDD=3V,VIN=3V
Drive current of P2
IOD
6
8
-
mA VDD=3V,VO=2.4V
Sink current of P2
IOS
10
16
-
mA VDD=3V,VO=2.4V
PWM current
IPWM
-
240
-
mA VDD=3V, BUOx=1.5V
PWM current
IPWM
-
310
-
mA VDD=4.5V, BUOx=2.25V
Oscillation Freq.
FOSC
1.98
2.05
2.12
MHz VDD=3V, Temp.=25
oC
@Rosc = 220 Kohm
Min : -3%
Max : +3%


Similar Part No. - SNC26013

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC26011 SONIX-SNC26011 Datasheet
146Kb / 11P
   One Channel Speech Controller
SNC26016 SONIX-SNC26016 Datasheet
147Kb / 11P
   One Channel Speech Controller
SNC26017 SONIX-SNC26017 Datasheet
146Kb / 11P
   One Channel Speech Controller
More results

Similar Description - SNC26013

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC12012 SONIX-SNC12012 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12016 SONIX-SNC12016 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12020 SONIX-SNC12020 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12030 SONIX-SNC12030 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12060 SONIX-SNC12060 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12120 SONIX-SNC12120 Datasheet
363Kb / 9P
   One Channel Speech Controller
SNC26021 SONIX-SNC26021 Datasheet
146Kb / 11P
   One Channel Speech Controller
SNC26200 SONIX-SNC26200 Datasheet
147Kb / 11P
   One Channel Speech Controller
SNC15040 SONIX-SNC15040 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15016 SONIX-SNC15016 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15041 SONIX-SNC15041 Datasheet
211Kb / 10P
   One Channel Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com