Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNC21120A Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SNC21120A
Description  1-CH H.Q. Speech Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC21120A Datasheet(HTML) 5 Page - SONiX Technology Company

  SNC21120A Datasheet HTML 1Page - SONiX Technology Company SNC21120A Datasheet HTML 2Page - SONiX Technology Company SNC21120A Datasheet HTML 3Page - SONiX Technology Company SNC21120A Datasheet HTML 4Page - SONiX Technology Company SNC21120A Datasheet HTML 5Page - SONiX Technology Company SNC21120A Datasheet HTML 6Page - SONiX Technology Company SNC21120A Datasheet HTML 7Page - SONiX Technology Company SNC21120A Datasheet HTML 8Page - SONiX Technology Company SNC21120A Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SNC21120A
1-CH H.Q. Speech Controller
Ver1.1
April 28, 2009
5
5. FUNCTION DESCRIPTIONS
5.1 Oscillator
System clock define 2MHz, the source provided by external resistor ring oscillator.
5.2 ROM
SNC21120A contains a substantial maximum 384K words (10-bit) internal ROM,
which is shared by program and resource data. Program, voice and data are shared
within this same 384K words ROM.
5.3 RAM
SNC21120A contains maximum 128 nibble RAM (128 x 4-bits). The 128 nibble RAM
is divided into eight pages (page 0 to page 7, 16 nibble RAM on each page). In our
programming structure, users can use the instructions, PAGE n (n=0 to 7) to switch
and indicate the RAM page. Besides, users can use direct mode, M0 ~ M15 in the
data transfer type instructions, to access all 16 nibbles of each page.
5.4 Power Down Mode
“End” instruction makes the IC entering into Stop Mode will stop the system clock for
power savings (<3uA @VDD=3V and <6uA @VDD=4.5V.) Any valid data transition
(L
H or H
L) occurring on any IO pin can be used to start the system clock and
return to normal operating mode.
5.5 Sampling Rate Counter
The unique sampling rate counter is designed in voice channel to be able to play
diverse voices at different sample playing rates. The playing rate can be adaptively
set up among from the wide ranges of 2.5KHz to 20KHz. This architecture yields a
high-quality voice synthesis that sounds very close to its original source when played
through the same amplifier and speaker circuitry.
5.6 Auto Repeat Function
A voice section can be repeated by the built-in special hardware of SNC21120A
without any software effort. The function activated by setting the corresponding bit of
a control register. Once the control register was setting, the channel will continue to
play the voice section (the Next Section).
5.7 I/O Ports
There are four 4-bit I/O ports P1, P2, P3 and P6. Any I/O can be individually
programmed as either input pull low or output. Any valid data transition (H
L or
L
H) of P1, P2, P3 and P6 can reactivate the chip when it is in power-down stage.


Similar Part No. - SNC21120A

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC21120 SONIX-SNC21120 Datasheet
119Kb / 11P
   1-CH H.Q. Speech Controller
More results

Similar Description - SNC21120A

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC21060 SONIX-SNC21060 Datasheet
116Kb / 10P
   1-CH H.Q. Speech Controller
SNC21120 SONIX-SNC21120 Datasheet
119Kb / 11P
   1-CH H.Q. Speech Controller
SNC21340A SONIX-SNC21340A Datasheet
131Kb / 12P
   1-CH H.Q. Speech Controller
SNC21085A SONIX-SNC21085A Datasheet
142Kb / 11P
   1-CH H.Q. Speech Controller
SNC21168 SONIX-SNC21168 Datasheet
119Kb / 11P
   1-CH H.Q. Speech Controller
SNC21300 SONIX-SNC21300 Datasheet
119Kb / 11P
   1-CH H.Q. Speech Controller
SNC21040A SONIX-SNC21040A Datasheet
142Kb / 11P
   1-CH H.Q. Speech Controller
SNC21060A SONIX-SNC21060A Datasheet
142Kb / 11P
   1-CH H.Q. Speech Controller
SNC21168A SONIX-SNC21168A Datasheet
143Kb / 11P
   1-CH H.Q. Speech Controller
SNC21268A SONIX-SNC21268A Datasheet
130Kb / 12P
   1-CH H.Q. Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com