Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNC21085A Datasheet(PDF) 10 Page - SONiX Technology Company

Part # SNC21085A
Description  1-CH H.Q. Speech Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC21085A Datasheet(HTML) 10 Page - SONiX Technology Company

Back Button SNC21085A Datasheet HTML 3Page - SONiX Technology Company SNC21085A Datasheet HTML 4Page - SONiX Technology Company SNC21085A Datasheet HTML 5Page - SONiX Technology Company SNC21085A Datasheet HTML 6Page - SONiX Technology Company SNC21085A Datasheet HTML 7Page - SONiX Technology Company SNC21085A Datasheet HTML 8Page - SONiX Technology Company SNC21085A Datasheet HTML 9Page - SONiX Technology Company SNC21085A Datasheet HTML 10Page - SONiX Technology Company SNC21085A Datasheet HTML 11Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
SNC21085A
1-CH H.Q. Speech Controller
Ver1.1
April 28, 2009
10
8.2 Motor application
CGND
CGND
CGND
CGND
+
M
M
M
M
M
M
M
M
GNDIO
GNDIO
GNDIO
GNDIO
OSC
OSC
OSC
OSC
RST
RST
RST
RST
R
R
R
R1
11
1
22
22
22
220
00
0K
K
K
K Ω
Ω
Ω
Ω
VDDIO
VDDIO
VDDIO
VDDIO
CVDD
CVDD
CVDD
CVDD
Separate CPU power path with
power path of large current
application
Battery
Box
Separate CPU GND with large
current application GND
IO1
C
C
C
C3
33
3
104
104
104
104
R
R
R
R2
22
2
10
10
10
10Ω
Ω
Ω
Ω
R
R
R
Rb
bb
b1
11
1
100
100
100
100Ω
Ω
Ω
Ω
R
R
R
Rb
bb
b2
22
2
100
100
100
100Ω
Ω
Ω
Ω
8050
8050
C
C
C
C2
22
2
104
104
104
104
C
C
C
C1
11
1
104
104
104
104
IO2
IO3
IO4
IO5
C
C
C
C4
44
4
104
104
104
104
There are some suggestions about PCB layout when user use
SNC21XXXA series IC with motor applications.
(1) The capacitor C1 (104) C2 (104) is strongly suggested to be as close to the chip
as possible.
(2) It had better let OSC components (R) get close to IC chip.
(3) OSC components had better get far away large current applications.
(4) Separate IC power path with large current application power path to avoid affect
IC working by power drop from large current application.
(5) R2 (10Ω
Ω
Ω
Ω
)separate VDDIO and CVDD.
(6) Let power cable thicker, especially for large current application.
(7) C3 and C4 (104) are connected at the positive point and negative point of the
motor.


Similar Part No. - SNC21085A

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC21085 SONIX-SNC21085 Datasheet
116Kb / 10P
   1-CH H.Q. Speech Controller
More results

Similar Description - SNC21085A

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC21060 SONIX-SNC21060 Datasheet
116Kb / 10P
   1-CH H.Q. Speech Controller
SNC21120 SONIX-SNC21120 Datasheet
119Kb / 11P
   1-CH H.Q. Speech Controller
SNC21340A SONIX-SNC21340A Datasheet
131Kb / 12P
   1-CH H.Q. Speech Controller
SNC21168 SONIX-SNC21168 Datasheet
119Kb / 11P
   1-CH H.Q. Speech Controller
SNC21300 SONIX-SNC21300 Datasheet
119Kb / 11P
   1-CH H.Q. Speech Controller
SNC21040A SONIX-SNC21040A Datasheet
142Kb / 11P
   1-CH H.Q. Speech Controller
SNC21060A SONIX-SNC21060A Datasheet
142Kb / 11P
   1-CH H.Q. Speech Controller
SNC21120A SONIX-SNC21120A Datasheet
141Kb / 11P
   1-CH H.Q. Speech Controller
SNC21168A SONIX-SNC21168A Datasheet
143Kb / 11P
   1-CH H.Q. Speech Controller
SNC21268A SONIX-SNC21268A Datasheet
130Kb / 12P
   1-CH H.Q. Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com