Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNC15340 Datasheet(PDF) 4 Page - SONiX Technology Company

Part # SNC15340
Description  One Channel Speech Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC15340 Datasheet(HTML) 4 Page - SONiX Technology Company

  SNC15340 Datasheet HTML 1Page - SONiX Technology Company SNC15340 Datasheet HTML 2Page - SONiX Technology Company SNC15340 Datasheet HTML 3Page - SONiX Technology Company SNC15340 Datasheet HTML 4Page - SONiX Technology Company SNC15340 Datasheet HTML 5Page - SONiX Technology Company SNC15340 Datasheet HTML 6Page - SONiX Technology Company SNC15340 Datasheet HTML 7Page - SONiX Technology Company SNC15340 Datasheet HTML 8Page - SONiX Technology Company SNC15340 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SNC15340
One Channel Speech Controller
Ver: 1.5
October 30
, 2008
4
4. Block Diagram
5. FUNCTION DESCRIPTIONS
5.1 Oscillator
SNC15340 accepts RC type oscillator for system clock. The typical circuit diagram for
oscillator is listed as follows.
!
5.2 ROM
SNC15340 contains a substantial 688K words (12-bit) internal ROM, which is shared
by program and resource data. Program, voice and data are shared within this same
688K words ROM.
OSC
VCC
RC Oscillator
ROM
Program/Speech
688K
×12 bits
OSC
Address Pointers/ STACK
Voice
Synthesizer
ALU
SRAM (128 nibbles)
Timer
PWM
Circuit
Timing
Generator
Sampling Rate Counter
IO port 5
IO port 2
IO port 1
Watch Dog
Timer
IO port 4


Similar Part No. - SNC15340

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC15300 SONIX-SNC15300 Datasheet
212Kb / 10P
   One Channel Speech Controller
More results

Similar Description - SNC15340

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC12012 SONIX-SNC12012 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12016 SONIX-SNC12016 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12020 SONIX-SNC12020 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12030 SONIX-SNC12030 Datasheet
351Kb / 9P
   One Channel Speech Controller
SNC12060 SONIX-SNC12060 Datasheet
361Kb / 9P
   One Channel Speech Controller
SNC12120 SONIX-SNC12120 Datasheet
363Kb / 9P
   One Channel Speech Controller
SNC26021 SONIX-SNC26021 Datasheet
146Kb / 11P
   One Channel Speech Controller
SNC26200 SONIX-SNC26200 Datasheet
147Kb / 11P
   One Channel Speech Controller
SNC15040 SONIX-SNC15040 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15016 SONIX-SNC15016 Datasheet
211Kb / 10P
   One Channel Speech Controller
SNC15041 SONIX-SNC15041 Datasheet
211Kb / 10P
   One Channel Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com