Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SNC206S Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNC206S
Description  Direct Drive Speech Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC206S Datasheet(HTML) 3 Page - SONiX Technology Company

  SNC206S Datasheet HTML 1Page - SONiX Technology Company SNC206S Datasheet HTML 2Page - SONiX Technology Company SNC206S Datasheet HTML 3Page - SONiX Technology Company SNC206S Datasheet HTML 4Page - SONiX Technology Company SNC206S Datasheet HTML 5Page - SONiX Technology Company SNC206S Datasheet HTML 6Page - SONiX Technology Company SNC206S Datasheet HTML 7Page - SONiX Technology Company SNC206S Datasheet HTML 8Page - SONiX Technology Company SNC206S Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SNC206S
Direct Drive Speech Controller
Ver: 1.2
Sept 20, 2007
3
3.
3.
3.
3.
Block Diagram
4.
4.
4.
4.
PIN ASSIGNMENT
Symbol
I/O Function Description
P33 ~ P30
I/O Bit3 ~ Bit0 of I/O port 3
VDD
P
Positive power supply
GND
P
Negative power supply
RST
I
Reset pin (active high)
OSC
O
Oscillator / Crystal Out
BUO1/VO
O
Positive Output of PWM or DA output
BUO2
O
Negative Output of PWM
ROM
Program/Speech
64K×10 bits
OSC
Address Pointers/ STACK
PWM
Voice
Synthesizer
ALU
SRAM (32 nibbles)
D/A
Timing
Generator
Sampling Rate Counter
IO3
Timer


Similar Part No. - SNC206S

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
   Direct Drive Speech Controller
More results

Similar Description - SNC206S

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC202 SONIX-SNC202 Datasheet
329Kb / 11P
   Direct Drive Speech Controller
SNC20AS SONIX-SNC20AS Datasheet
100Kb / 11P
   Direct Drive Speech Controller
SNC207S SONIX-SNC207S Datasheet
100Kb / 11P
   Direct Drive Speech Controller
SNC209S SONIX-SNC209S Datasheet
100Kb / 11P
   Direct Drive Speech Controller
SNC202S SONIX-SNC202S Datasheet
97Kb / 11P
   Direct Drive Speech Controller
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
   Direct Drive Speech Controller
SNC208S SONIX-SNC208S Datasheet
100Kb / 11P
   Direct Drive Speech Controller
SNC204 SONIX-SNC204 Datasheet
340Kb / 11P
   Direct Drive Speech Controller
SNC205 SONIX-SNC205 Datasheet
340Kb / 11P
   Direct Drive Speech Controller
SNC204S SONIX-SNC204S Datasheet
101Kb / 11P
   Direct Drive Speech Controller
SNC203 SONIX-SNC203 Datasheet
340Kb / 11P
   Direct Drive Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com