Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN11300APMG Datasheet(PDF) 5 Page - SONiX Technology Company

Part # SN11300APMG
Description  3 In 1 USB Audio Controller
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SN11300APMG Datasheet(HTML) 5 Page - SONiX Technology Company

  SN11300APMG Datasheet HTML 1Page - SONiX Technology Company SN11300APMG Datasheet HTML 2Page - SONiX Technology Company SN11300APMG Datasheet HTML 3Page - SONiX Technology Company SN11300APMG Datasheet HTML 4Page - SONiX Technology Company SN11300APMG Datasheet HTML 5Page - SONiX Technology Company SN11300APMG Datasheet HTML 6Page - SONiX Technology Company SN11300APMG Datasheet HTML 7Page - SONiX Technology Company SN11300APMG Datasheet HTML 8Page - SONiX Technology Company SN11300APMG Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
Data Sheet
3 In 1 USB Audio Controller
SN11300
Sonix Confidential
Do not copy, reproduce, or distribute without permission
2008 Mar 6, V1.3
- 4 -
28-level programmable volume control form 0 dB to -40.5dB in 1.5 dB pre
step for headphone amplifier
linear headphone amplifier for 32/16Ω load
ADC PCM data range from +16383 to -16383
Peripheral
Embedded 3.3 V to 1.8 V regulator
Supports two wire series bus interface; slave only interface with transfer speed
up to 400Kbps(Fast-mode)
Features programmable by EEPROM values, for examples customized USB
Ids, strings and option setting
Support two EEPROM interfaces which are SPI interface(93C46, 93C56,
93C66) and I2C interface(24C01, 24C02, 24C04).
HID interrupt interval can be modified via EEPROM
EEPROM content can be read from application programming interface
1.8 V core operation and 3.3 V I/O
System on chip solution: low cost and easy implementation without external
memory
LED indicator pins for playback and recording mute
A GPIO pins controlled via application programming interface
Programmable transfer length up to 3K bytes from host to device and 8 bytes
from device to host by HID pipes
Fast display speed for dot matrix LCD module or color STN LCD module
A ring-tone editor for customized ring-tone


Similar Part No. - SN11300APMG

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
SN11+10210FA JDSU-SN11+10210FA Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210FP JDSU-SN11+10210FP Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210LC JDSU-SN11+10210LC Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210MU JDSU-SN11+10210MU Datasheet
177Kb / 3P
   Fiberoptic Switch
SN11+10210NC JDSU-SN11+10210NC Datasheet
177Kb / 3P
   Fiberoptic Switch
More results

Similar Description - SN11300APMG

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EKA8561A EMC-EKA8561A Datasheet
281Kb / 14P
   USB Audio Controller
EKA8562A EMC-EKA8562A Datasheet
323Kb / 18P
   USB Audio Controller
logo
SONiX Technology Compan...
SN11121ASF SONIX-SN11121ASF Datasheet
156Kb / 10P
   USB AUDIO Controller
logo
ELAN Microelectronics C...
EKA8564A EMC-EKA8564A Datasheet
255Kb / 16P
   USB Audio Controller
EKA8566A EMC-EKA8566A Datasheet
657Kb / 37P
   USB Audio Controller
logo
Nuvoton Technology Corp...
W681308 NUVOTON-W681308 Datasheet
981Kb / 64P
   USB AUDIO CONTROLLER
logo
SONiX Technology Compan...
SN11220ACF SONIX-SN11220ACF Datasheet
1Mb / 34P
   USB Audio Controller
SN11112 SONIX-SN11112 Datasheet
328Kb / 24P
   USB AUDIO CONTROLLER
SN11113 SONIX-SN11113 Datasheet
266Kb / 22P
   USB AUDIO CONTROLLER
logo
C-Media Electronics
CM101S++ CMEDIA-CM101S+ Datasheet
682Kb / 22P
   USB 2CH Audio Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com