Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OLRC-2W-10MFB Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # OLRC-2W-10MFB
Description  Custom Made Metal Plate Current Sense Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

OLRC-2W-10MFB Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  OLRC-2W-10MFB Datasheet HTML 1Page - American Accurate Components, Inc. OLRC-2W-10MFB Datasheet HTML 2Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
American Accurate Components, Inc.
OPEN AIR SENSE RESISTORS
The content of this specification may change without notification 7/24/07
188 Technology Drive, Unit H Irvine, CA 92618
TEL: 949-453-9888
FAX: 949-453-8889
1
Custom solutions are available.
OLR Series - Custom Made Metal Plate Current Sense Resistor
HOW TO ORDER
OLRA -5W-
1M0
J
B
Packaging
B = Bulk or M = Tape
Tolerance (%)
F = +1
J = +5
K = +10
EIA Resistance Value
0M5 = 0.0005
1M0 = 0.005
10M = 0.01
Rated Power
Avail in 1W ~20W
Series
Custom Open Air Sense Resistors
A = Body Style 1
B = Body Style 2
C = Body Style 3
D = Body Style 4
RATING
Terminations
2 and 4 are available
Rated Power (70°C)
1W ~ 20W
Resistance Range
0.5m
Ω ∼ 50mΩ
Resistance Tolerance
±1%, ±5%, ±10%
TCR
± 100ppm/°C
Operating Temperature
-40°C ~ +180°C
SHAPE & DIMENSIONS (custom to your requirements)
Body 1
Body 2
Body 3
Body 4
CIRCUIT LAYOUT example for Automotive
DERATING CURVE
DC-DC Converter over current detection
Engine Starter
Power Windows
If the ambient temperature exceeds 70°C, the rated power has to be
derated according to the power derating curve shown below.
Air Conditioning Fan
Battery
Automatic Mirrors
Motor Control Circuit
FEATURES
Very Low Resistance 0.5m
Ω ~ 50mΩ
High Rated Power from 1W to 20W
Custom Solutions avail in 2 or 4 Terminals
Open air design provides cooler operation
Applicable for Reflow Soldering
Superior thermal expansion cycling
Low Inductance at less than 10nH
Lead flexible for thermal expansion
Products with lead-free terminations meet
RoHS requirements
APPLICATIONS
Automotive
Feedback
Low Inductance
Surge and Pulse
CPU Drive use
AC Applications
Power Tool
Residual Battery Detection
Inverter Power Supply
Switching Power Source
HDD, MOSFET Load


Similar Description - OLRC-2W-10MFB

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TLR3ADTE3L00F KOA-TLR3ADTE3L00F Datasheet
289Kb / 2P
   Metal plate current sense resistor
TLR2BND KOA-TLR2BND Datasheet
97Kb / 2P
   metal plate current sense resistor
TLR2B KOA-TLR2B Datasheet
443Kb / 2P
   metal plate current sense resistor
TLR-2BW KOA-TLR-2BW Datasheet
442Kb / 2P
   metal plate current sense resistor
TLR3ADTE2L00F75 KOA-TLR3ADTE2L00F75 Datasheet
281Kb / 2P
   metal plate current sense resistor
LR72ADTE2L0J KOA-LR72ADTE2L0J Datasheet
220Kb / 2P
   metal plate current sense resistors
LR72A KOA-LR72A Datasheet
222Kb / 2P
   metal plate current sense resistors
LR72ADTE KOA-LR72ADTE Datasheet
93Kb / 2P
   metal plate current sense resistors
logo
IRC - a TT electronics ...
ULRG12512R010FLFSLT IRCTT-ULRG12512R010FLFSLT Datasheet
189Kb / 6P
   Metal Element Current Sense Resistor
logo
Bourns Electronic Solut...
CFN BOURNS-CFN Datasheet
464Kb / 5P
   Metal Foil, Current Sense Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com