Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA8018N4030 Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # PA8018N4030
Description  1W Solid State Power and GPS Power Amplifiers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

PA8018N4030 Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  PA8018N4030 Datasheet HTML 1Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1W Solid State Power and GPS Power Amplifiers
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
PA1616-45
PA1616-10A
PA1616-10B
1600 - 1630
1600 - 1630
1600 - 1630
35
10
10
20
9
9
45
40
30
± 1
± 1
± 1
± 1
± 1
± 1
Amplifiers
Coaxial
1W Solid State Power Amplifiers
8 to 18GHz
P/N
Freq. Range
(GHz)
Gain
(dB)
Typ
Noise Figure
(dB)
M ax
Pout@ 1dB
(dBm )
M in
Flatness
(dB)
M ax
IP3
(dBm )
Typ
Power
Supply
+12V (m A)
Operating
Tem perature
(
O C)
Storage
Tem perature
(
OC)
PA8018N4020
8 - 18
40
-
30
± 2.0
40
2000
-55 - +85
-60 - +90
PA8012N4030
8 - 12
40
-
30
± 1.5
40
2000
-55 - +85
-60 - +90
PA8018N4030
12 - 18
40
-
30
± 1.5
40
2000
-55 - +85
-60 - +90
GPS Power Amplifiers
1600 to 1630MHz
Freq. Range (MHz)
Psat (pulse power,50% space) (W)
Pout@1dB (W)
Gain (dB)
Flatness
Against Frequency (dB)
Flatness
Against Temperature (dB)
VSWR Max
2
2
2
Harmonics (dBc) Max
-30
-30
-30
Spurious (dBc)
-70
-70
-70
Voltage of Power Supply (VDC)
27
27
27
Current of Power Supply (A) Max
3 (0.8)
1.3 (0.22)
0.8 (0.25)
Efficiency (static current)
35%
30%
45%
Operating Temperature (
OC)
-40 - +55
-20 - +70
-20 - +70
Storage Temperature (
OC)
-55 - +70
-55 - +70
-55 - +70
Humidity (%)
95
95
95
Dimensions (mm)
91 x 56.5 x 14.6
60 x 30 x 10.3
32.7 x 29.1 x 10
Weight (g)
140
40
20
RF Connector
SMA
SMB,SMA
Pin,SMA


Similar Part No. - PA8018N4030

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA8013 ETC2-PA8013 Datasheet
31Kb / 1P
   CRIMPALL RG59/RG6 CATV CLAMSHELL
More results

Similar Description - PA8018N4030

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
SSPA CPI-SSPA Datasheet
199Kb / 2P
   Rack-Mount Solid State Power Amplifiers
logo
List of Unclassifed Man...
MC2393 ETC1-MC2393 Datasheet
366Kb / 2P
   C-BAND SOLID STATE POWER AMPLIFIERS
logo
Maxim Integrated Produc...
MAX4364 MAXIM-MAX4364 Datasheet
682Kb / 15P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 1; 10/02
MAX4364 MAXIM-MAX4364_11 Datasheet
415Kb / 14P
   1.4W and 1W, Ultra-Small, Audio Power Amplifiers with Shutdown
Rev 4; 5/11
logo
List of Unclassifed Man...
G3PA ETC-G3PA Datasheet
249Kb / 16P
   Power Solid-state Relay
logo
Micropac Industries
53514 MICROPAC-53514 Datasheet
104Kb / 7P
   SOLID STATE POWER CONTROLLERS
logo
celduc-relais
SC741110 CELDUC-SC741110 Datasheet
97Kb / 2P
   Power Solid State Relay
SC764110 CELDUC-SC764110 Datasheet
98Kb / 2P
   Power Solid State Relay
SC968160 CELDUC-SC968160 Datasheet
98Kb / 2P
   Power Solid State Relay
SCF42160-E CELDUC-SCF42160-E Datasheet
82Kb / 2P
   Power Solid State Relay
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com