Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA0520N3010B Datasheet(PDF) 1 Page - American Accurate Components, Inc.

Part # MA0520N3010B
Description  Broadband Limiting Amplifiers 0.5 to 18GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAC [American Accurate Components, Inc.]
Direct Link  http://www.aacix.com
Logo AAC - American Accurate Components, Inc.

MA0520N3010B Datasheet(HTML) 1 Page - American Accurate Components, Inc.

  MA0520N3010B Datasheet HTML 1Page - American Accurate Components, Inc. MA0520N3010B Datasheet HTML 2Page - American Accurate Components, Inc. MA0520N3010B Datasheet HTML 3Page - American Accurate Components, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Broadband Limiting Amplifiers 0.5 to 18GHz
The content of this specification may change without notification 8/01/09
188 Technology Drive, Unit H, Irvine, CA 92618
Tel: 949-453-9888
Fax: 949-453-8889
Email: sales@aacix.com
1
American Accurate Components, Inc.
OAmplifiers
Coaxial
Broadband Limiting Amplifiers
0.5 to 18GHz
P /N
F re q . R a n g e
(G H z )
In p u t P o w e r
R a n g e
(d B m )
N o is e F ig u re
(d B )
M a x
S a tu ra te d
P o u t
(d B m )
F la tn e s s
(d B )
M a x
V S W R
M a x
C u rre n t
+ 1 2 V (m A )
Typ
C a s e
M A 0 5 2 0 N 2 5 1 0 A
0 .5 - 2 .0
-2 5 - + 1 0
5 .0
1 7 /2 2
± 1.5
2 :1
3 0 0
6 I
M A 0 5 2 0 N 3 0 0 5 A
0 .5 - 2 .0
-3 0 - + 5
5 .0
1 7 /2 2
± 1.5
2 :1
3 0 0
6 I
M A 0 5 2 0 N 3 0 1 0 A
0 .5 - 2 .0
-3 0 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 0 5 2 0 N 3 5 0 5 A
0 .5 - 2 .0
-3 5 - + 5
5 .0
1 7 /2 2
± 1.5
2 :1
3 0 0
6 I
M A 0 5 2 0 N 3 5 1 0 A
0 .5 - 2 .0
-3 5 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 0 5 2 0 N 2 5 1 0 B
0 .5 - 2 .0
-2 5 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 5 0
6 I
M A 0 5 2 0 N 3 0 0 5 B
0 .5 - 2 .0
-3 0 - + 5
5 .0
1 7 /2 2
± 1.8
2 :1
3 5 0
6 I
M A 0 5 2 0 N 3 0 1 0 B
0 .5 - 2 .0
-3 0 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 5 0
6 I
M A 0 5 2 0 N 3 5 0 5 B
0 .5 - 2 .0
-3 5 - + 5
5 .0
1 7 /2 2
± 1.8
2 :1
3 5 0
6 I
M A 0 5 2 0 N 3 5 1 0 B
0 .5 - 2 .0
-3 5 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 5 0
6 I
M A 2 0 4 0 N 2 5 1 0 A
2 .0 - 4 .0
-2 5 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 2 0 4 0 N 3 0 0 5 A
2 .0 - 4 .0
-3 0 - + 5
5 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 2 0 4 0 N 3 0 1 0 A
2 .0 - 4 .0
-3 0 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 2 0 4 0 N 3 5 0 5 A
2 .0 - 4 .0
-3 5 - + 5
5 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 2 0 4 0 N 3 5 1 0 A
2 .0 - 4 .0
-3 5 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 2 0 4 0 N 2 5 1 0 B
2 .0 - 4 .0
-2 5 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 5 0
6 I
M A 2 0 4 0 N 3 0 0 5 B
2 .0 - 4 .0
-3 0 - + 5
5 .0
1 7 /2 2
± 1.8
2 :1
3 5 0
6 I
M A 2 0 4 0 N 3 0 1 0 B
2 .0 - 4 .0
-3 0 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 5 0
6 I
M A 2 0 4 0 N 3 5 0 5 B
2 .0 - 4 .0
-3 5 - + 5
5 .0
1 7 /2 2
± 1.8
2 :1
3 5 0
6 I
M A 2 0 4 0 N 3 5 1 0 B
2 .0 - 4 .0
-3 5 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 5 0
6 I
M A 2 0 6 0 N 2 5 1 0 A
2 .0 - 6 .0
-2 5 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 2 0 6 0 N 3 0 0 5 A
2 .0 - 6 .0
-3 0 - + 5
5 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 2 0 6 0 N 3 0 1 0 A
2 .0 - 6 .0
-3 0 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 2 0 6 0 N 3 5 0 5 A
2 .0 - 6 .0
-3 5 - + 5
5 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 2 0 6 0 N 3 5 1 0 A
2 .0 - 6 .0
-3 5 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 2 0 6 0 N 2 5 1 0 B
2 .0 - 6 .0
-2 5 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 5 0
6 I
M A 2 0 6 0 N 3 0 0 5 B
2 .0 - 6 .0
-3 0 - + 5
5 .0
1 7 /2 2
± 1.8
2 :1
3 5 0
6 I
M A 2 0 6 0 N 3 0 1 0 B
2 .0 - 6 .0
-3 0 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 5 0
6 I
M A 2 0 6 0 N 3 5 0 5 B
2 .0 - 6 .0
-3 5 - + 5
5 .0
1 7 /2 2
± 1.8
2 :1
3 5 0
6 I
M A 2 0 6 0 N 3 5 1 0 B
2 .0 - 6 .0
-3 5 - + 1 0
5 .0
1 7 /2 2
± 1.8
2 :1
3 5 0
6 I
M A 2 0 8 0 N 2 5 1 0 A
2 .0 - 8 .0
-2 5 - + 1 0
6 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 2 0 8 0 N 3 0 0 5 A
2 .0 - 8 .0
-3 0 - + 5
6 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 2 0 8 0 N 3 0 1 0 A
2 .0 - 8 .0
-3 0 - + 1 0
6 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 2 0 8 0 N 3 5 0 5 A
2 .0 - 8 .0
-3 5 - + 5
6 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 2 0 8 0 N 3 5 1 0 A
2 .0 - 8 .0
-3 5 - + 1 0
6 .0
1 7 /2 2
± 1.8
2 :1
3 0 0
6 I
M A 2 0 8 0 N 2 5 1 0 B
2 .0 - 8 .0
-2 5 - + 1 0
6 .0
1 2 /1 7
± 1.8
2 :1
3 5 0
6 I
M A 2 0 8 0 N 3 0 0 5 B
2 .0 - 8 .0
-3 0 - + 5
6 .0
1 2 /1 7
± 1.8
2 :1
3 5 0
6 I
M A 2 0 8 0 N 3 0 1 0 B
2 .0 - 8 .0
-3 0 - + 1 0
6 .0
1 2 /1 7
± 1.8
2 :1
3 5 0
6 I
M A 2 0 8 0 N 3 5 0 5 B
2 .0 - 8 .0
-3 5 - + 5
6 .0
1 2 /1 7
± 1.8
2 :1
3 5 0
6 I
M A 2 0 8 0 N 3 5 1 0 B
2 .0 - 8 .0
-3 5 - + 1 0
6 .0
1 2 /1 7
± 1.8
2 :1
3 5 0
6 I
M A 6 0 1 8 N 2 5 1 0 A
6 .0 - 1 8 .0
-2 5 - + 1 0
6 .0
1 7 /2 2
± 1.8
2 :1
4 0 0
8 I 4 6
M A 6 0 1 8 N 3 0 0 5 A
6 .0 - 1 8 .0
-3 0 - + 5
6 .0
1 7 /2 2
± 1.8
2 :1
4 5 0
8 I 4 6
M A 6 0 1 8 N 3 0 1 0 A
6 .0 - 1 8 .0
-3 0 - + 1 0
6 .0
1 7 /2 2
± 1.8
2 :1
4 5 0
8 I 4 6


Similar Part No. - MA0520N3010B

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA05207 GOLLEDGE-MA05207 Datasheet
134Kb / 1P
   5V OCXO HCMOS Low Profile
MA05208 GOLLEDGE-MA05208 Datasheet
134Kb / 1P
   5V OCXO HCMOS Low Profile
More results

Similar Description - MA0520N3010B

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
IA0520N1120 AAC-IA0520N1120 Datasheet
90Kb / 1P
   Broadband Isolating Amplifiers 0.5 to 18GHz
CA0510N1610 AAC-CA0510N1610 Datasheet
150Kb / 3P
   Broadband Small Signal Amplifier 0.5 to 18GHz
CA1020N3220 AAC-CA1020N3220 Datasheet
80Kb / 1P
   Broadband Medium Power Amplifiers 1 to 18GHz
logo
Micronetics, Inc.
NOD-2000 MICRONETICS-NOD-2000 Datasheet
732Kb / 1P
   BROADBAND NOISE INSTRUMENTS 10HZ TO 18GHZ
logo
American Accurate Compo...
ZD2040 AAC-ZD2040 Datasheet
85Kb / 1P
   Broadband Voltage Controlled Oscillators 2 to 18GHz
ZD4060 AAC-ZD4060 Datasheet
53Kb / 1P
   Broadband Voltage Controlled Oscillators 4 to 18GHz
LA0301N3620 AAC-LA0301N3620 Datasheet
161Kb / 3P
   Broadband Low Noise Small Signal Amp 0.3 to 18GHz
logo
Transcom, Inc.
TPD02-0.5G18S TRANSCOM-TPD02-0.5G18S Datasheet
78Kb / 1P
   0.5-18GHz 2-Way Power Divider
logo
Maxim Integrated Produc...
MAX2612 MAXIM-MAX2612_V01 Datasheet
635Kb / 11P
   40MHz to 4GHz Linear Broadband Amplifiers
2019
MAX2612 MAXIM-MAX2612 Datasheet
2Mb / 10P
   40MHz to 4GHz Linear Broadband Amplifiers
Rev 0; 5/12
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com