Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61DDB44M18-250M3 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS61DDB44M18-250M3
Description  72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDB44M18-250M3 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS61DDB44M18-250M3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61DDB44M18-250M3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61DDB44M18-250M3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61DDB44M18-250M3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61DDB44M18-250M3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61DDB44M18-250M3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDB44M18-250M3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDB44M18-250M3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDB44M18-250M3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
Integrated Silicon Solution, Inc.
Rev. A
05/14/09
72 Mb (2M x 36 & 4M x 18)
DDR-II (Burst of 4) CIO Synchronous SRAMs
x36 FBGA Pinout (Top View)
12
34
56
78
9
10
11
ACQ
NC/SA*
SA
R/W
BW2
K
BW1
LD
SA
SA
CQ
B
NC
DQ27
DQ18
SA
BW3
KBW0
SA
NC
NC
DQ8
CNC
NC
DQ28
VSS
SA
SA0
SA1
VSS
NC
DQ17
DQ7
DNCDQ29
DQ19
VSS
VSS
VSS
VSS
VSS
NC
NC
DQ16
ENC
NC
DQ20
VDDQ
VSS
VSS
VSS
VDDQ
NC
DQ15
DQ6
F
NC
DQ30
DQ21
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ5
G
NC
DQ31
DQ22
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ14
HDoff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
JNC
NC
DQ32
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ13
DQ4
KNC
NC
DQ23
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ12
DQ3
L
NC
DQ33
DQ24
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ2
MNC
NC
DQ34
VSS
VSS
VSS
VSS
VSS
NC
DQ11
DQ1
NNCDQ35
DQ25
VSS
SA
SA
SA
VSS
NC
NC
DQ10
P
NC
NC
DQ26
SA
SA
C
SA
SA
NC
DQ9
DQ0
R
TDO
TCK
SASASA
C
SA
SA
SA
TMS
TDI
* The following pins are reserved for higher densities: 2A for 144Mb
• BW0 controls writes to DQ0–DQ8; BW1 controls writes to DQ9–DQ17; BW2 controls writes to DQ18–DQ26; BW3 controls
writes to DQ27–DQ35.
x18 FBGA Pinout (Top View)
12
34
56
78
9
10
11
ACQ
SA
SA
R/W
BW1
K
NC/SA*
LD
SA
SA
CQ
B
NC
DQ9
NC
SA
NC/SA*
K
BW0
SA
NC
NC
DQ8
CNC
NC
NC
VSS
SA
SA0
SA1
VSS
NC
DQ7
NC
DNC
NC
DQ10
VSS
VSS
VSS
VSS
VSS
NC
NC
NC
ENC
NC
DQ11
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ6
FNC
DQ12
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ5
GNC
NC
DQ13
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
NC
HDoff
VREF
VDDQ
VDDQ
VDD
VSS
VDD
VDDQ
VDDQ
VREF
ZQ
JNC
NC
NC
VDDQ
VDD
VSS
VDD
VDDQ
NC
DQ4
NC
KNC
NC
DQ14
VDDQ
VDD
VSS
VDD
VDDQ
NC
NC
DQ3
LNC
DQ15
NC
VDDQ
VSS
VSS
VSS
VDDQ
NC
NC
DQ2
MNC
NC
NC
VSS
VSS
VSS
VSS
VSS
NC
DQ1
NC
NNC
NC
DQ16
VSS
SA
SA
SA
VSS
NC
NC
NC
P
NC
NC
DQ17
SA
SA
C
SA
SA
NC
NC
DQ0
R
TDO
TCK
SASASA
C
SA
SA
SA
TMS
TDI
*
The following pin is reserved for higher densities: 7A for 144Mb, 5B for 288Mb.
• BW0 controls writes to DQ0–DQ8; BW1 controls writes to DQ9–DQ17


Similar Part No. - IS61DDB44M18-250M3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDB44M18A ISSI-IS61DDB44M18A Datasheet
814Kb / 31P
   Synchronous pipeline read with late write operation
More results

Similar Description - IS61DDB44M18-250M3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDB22M36 ISSI-IS61DDB22M36 Datasheet
624Kb / 25P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61DDPB22M36 ISSI-IS61DDPB22M36 Datasheet
636Kb / 24P
   72 Mb (2M x 36 & 4M x 18) DDR-IIP (Burst of 2) CIO Synchronous SRAMs
IS61DDB42M18 ISSI-IS61DDB42M18 Datasheet
515Kb / 26P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61DDB22M18 ISSI-IS61DDB22M18 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61QDB42M36 ISSI-IS61QDB42M36 Datasheet
712Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 4) Synchronous SRAMs
IS61QDPB42M36 ISSI-IS61QDPB42M36 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61QDB22M36 ISSI-IS61QDB22M36 Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDB41M36 ISSI-IS61QDB41M36 Datasheet
451Kb / 28P
   36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 4) Synchronous SRAMs
IS61QDB22M18 ISSI-IS61QDB22M18 Datasheet
503Kb / 27P
   36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 2) Synchronous SRAMs
logo
GSI Technology
GS8640V18T GSI-GS8640V18T Datasheet
594Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com