Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61DDB22M36-300M3LI Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS61DDB22M36-300M3LI
Description  72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDB22M36-300M3LI Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS61DDB22M36-300M3LI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDB22M36-300M3LI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDB22M36-300M3LI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61DDB22M36-300M3LI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61DDB22M36-300M3LI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61DDB22M36-300M3LI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61DDB22M36-300M3LI Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS61DDB22M36-300M3LI Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS61DDB22M36-300M3LI Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Integrated Silicon Solution, Inc.
11
Rev. B
11/10
/09
72 Mb (2M x 36 & 4M x 18)
DDR-II (Burst of 2) CIO Synchronous SRAMs
Recommended DC Operating Conditions (TA = 0 to +70°C)
Parameter
Symbol
Minimum
Typical
Maximum
Units
Notes
Supply voltage
VDD
1.8 - 5%
1.8 + 5%
V
1
Output driver supply voltage
VDDQ
1.4
1.9
V
1
Input high voltage
VIH
VREF +0.1
VDDQ + 0.3
V
V
1, 2
1, 3
Input low voltage
VIL
-0.
3
VREF - 0.1
Input reference voltage
VREF
0.68
0.95
V
1, 5
Clocks signal voltage
VIN - CLK
-0.
3
VDDQ + 0.3
V
1, 4
1. All voltages are referenced to VSS. All VDD, VDDQ, and VSS pins must be connected.
2. VIH(Max) AC = See 0vershoot and Undershoot Timings.
3. VIL(Min) AC = See 0vershoot and Undershoot Timings.
4. VIN-CLK specifies the maximum allowable DC excursions of each clock (K, K, C, and C).
5. Peak-to-peak AC component superimposed on VREF may not exceed 5% of VREF.
0vershoot and Undershoot Timings
PBGA Thermal Characteristics
Item
Symbol
Rating
Units
Thermal resistance junction to ambient (airflow = 1m/s)
R
ΘJA
18.6
° C/W
Thermal resistance junction to case
R
ΘJC
4.3
° C/W
Thermal resistance junction to pins
R
ΘJB
1.77
° C/W
VDDQ
20% Min Cycle Time
VDDQ+0.6V
GND-0.6V
GND
20% Min Cycle Time
Overshoot Timing
Undershoot Timing
VIH(Max) AC
VIL(Min) AC


Similar Part No. - IS61DDB22M36-300M3LI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDB22M36A ISSI-IS61DDB22M36A Datasheet
770Kb / 29P
   Common I/O read and write ports
More results

Similar Description - IS61DDB22M36-300M3LI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDB42M36 ISSI-IS61DDB42M36 Datasheet
669Kb / 26P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61DDPB22M36 ISSI-IS61DDPB22M36 Datasheet
636Kb / 24P
   72 Mb (2M x 36 & 4M x 18) DDR-IIP (Burst of 2) CIO Synchronous SRAMs
IS61DDB22M18 ISSI-IS61DDB22M18 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61DDB42M18 ISSI-IS61DDB42M18 Datasheet
515Kb / 26P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61QDB22M36 ISSI-IS61QDB22M36 Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDB42M36 ISSI-IS61QDB42M36 Datasheet
712Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 4) Synchronous SRAMs
IS61QDPB42M36 ISSI-IS61QDPB42M36 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61QDB22M18 ISSI-IS61QDB22M18 Datasheet
503Kb / 27P
   36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDB41M36 ISSI-IS61QDB41M36 Datasheet
451Kb / 28P
   36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 4) Synchronous SRAMs
logo
GSI Technology
GS8640V18T GSI-GS8640V18T Datasheet
594Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com