Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61DDPB22M36-375M3 Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS61DDPB22M36-375M3
Description  72 Mb (2M x 36 & 4M x 18) DDR-IIP (Burst of 2) CIO Synchronous SRAMs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDPB22M36-375M3 Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS61DDPB22M36-375M3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61DDPB22M36-375M3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61DDPB22M36-375M3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61DDPB22M36-375M3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61DDPB22M36-375M3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61DDPB22M36-375M3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDPB22M36-375M3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDPB22M36-375M3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDPB22M36-375M3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Integrated Silicon Solution, Inc.
Rev. 00A
03/31/08
72 Mb (2M x 36 & 4M x 18)
DDR-IIP (Burst of 2) CIO Synchronous SRAMs
Block Diagram
2M x 36
(4M x 18)
Memory
Array
Write Driver
Select Output Control
Data
Reg
Add Reg &
Control
Logic
Clock
Gen
36
(or 18)
72
(or 36)
36 (or 18)
DQ (Data-Out
CQ, CQ
(Echo Clock Out)
Address
LD
R/W
BWx
K
K
DOFF
4 (or 2)
20 (or 21)
20 (or 21)
36 (or 18)
& Data-In)
A0
Burst
Control
36 (or 18)
SRAM Features
Read Operations
The SRAM operates continuously in a burst-of-two mode. Read cycles are started by registering R/W in
active high state at the rising edge of the K clock. The K and K clocks are also used to control the timing to
the outputs. The data corresponding to the first address is clocked 2.5 cycles later by the rising edge of the
K clock. The data corresponding to the second burst is clocked 3 cycles later by the following rising edge of
the K clock. A set of free-running echo clocks, CQ and CQ, are produced internally with timings identical to
the data-outs. The echo clocks can be used as data capture clocks by the receiver device.
Whenever LD is low, a new address is registered at the rising edge of the K clock. A NOP operation (LD is
high) does not terminate the previous read. The output drivers disable automatically to a high state.
Write Operations
Write operations can also be initiated at every rising edge of the K clock whenever R/W is low. The write
address is also registered at that time. When the address needs to change, LD needs to be low
simultaneously to be registered by the rising edge of K. Again, the write always occurs in bursts of two.
Because of its common I/O architecture, the data bus must be tri-stated at least one cycle before the new
data-in is presented at the DQ bus.
The write data is provided in a ‘late write’ mode; that is, the data-in corresponding to the first address of the
burst, is presented one cycle later or at the rising edge of the next K clock. The data-in corresponding to the
second write burst address follows next, registered by the rising edge of K.


Similar Part No. - IS61DDPB22M36-375M3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDPB22M36A/A1/A2 ISSI-IS61DDPB22M36A/A1/A2 Datasheet
527Kb / 31P
   4Mx18, 2Mx36 72Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
IS61DDPB22M36B ISSI-IS61DDPB22M36B Datasheet
887Kb / 31P
   Fixed 2-bit burst for read and write operations
IS61DDPB22M36B1 ISSI-IS61DDPB22M36B1 Datasheet
887Kb / 31P
   Fixed 2-bit burst for read and write operations
IS61DDPB22M36B2 ISSI-IS61DDPB22M36B2 Datasheet
887Kb / 31P
   Fixed 2-bit burst for read and write operations
More results

Similar Description - IS61DDPB22M36-375M3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDB22M36 ISSI-IS61DDB22M36 Datasheet
624Kb / 25P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61DDB42M36 ISSI-IS61DDB42M36 Datasheet
669Kb / 26P
   72 Mb (2M x 36 & 4M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61QDB22M36 ISSI-IS61QDB22M36 Datasheet
639Kb / 27P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61DDB22M18 ISSI-IS61DDB22M18 Datasheet
550Kb / 25P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 2) CIO Synchronous SRAMs
IS61DDB42M18 ISSI-IS61DDB42M18 Datasheet
515Kb / 26P
   36 Mb (1M x 36 & 2M x 18) DDR-II (Burst of 4) CIO Synchronous SRAMs
IS61QDB42M36 ISSI-IS61QDB42M36 Datasheet
712Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUAD (Burst of 4) Synchronous SRAMs
IS61QDPB42M36 ISSI-IS61QDPB42M36 Datasheet
702Kb / 28P
   72 Mb (2M x 36 & 4M x 18) QUADP (Burst of 4) Synchronous SRAMs
IS61QDB22M18 ISSI-IS61QDB22M18 Datasheet
503Kb / 27P
   36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 2) Synchronous SRAMs
IS61QDB41M36 ISSI-IS61QDB41M36 Datasheet
451Kb / 28P
   36 Mb (1M x 36 & 2M x 18) QUAD (Burst of 4) Synchronous SRAMs
logo
GSI Technology
GS8640V18T GSI-GS8640V18T Datasheet
594Kb / 23P
   4M x 18, 2M x 32, 2M x 36 72Mb Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com