Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C25616AL-10TI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61C25616AL-10TI
Description  256K x 16 HIGH-SPEED CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C25616AL-10TI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61C25616AL-10TI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61C25616AL-10TI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61C25616AL-10TI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61C25616AL-10TI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61C25616AL-10TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C25616AL-10TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C25616AL-10TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C25616AL-10TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C25616AL-10TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. C
03/21/2008
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without notice. ISSI assumes no liability
arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the latest version of this device specification before relying on any
published information and before placing orders for products.
IS61C25616AL IS61C25616AS
IS64C25616AL IS64C25616AS
FEATURES
HIGH SPEED: (IS61/64C25616AL)
High-speed access time: 10ns, 12 ns
Low Active Power: 150 mW (typical)
Low Standby Power: 10 mW (typical)
CMOS standby
LOW POWER: (IS61/64C25616AS)
High-speed access time: 25 ns
Low Active Power: 75 mW (typical)
Low Standby Power: 1 mW (typical)
CMOS standby
• TTL compatible interface levels
• Single 5V ± 10% power supply
• Fully static operation: no clock or refresh
required
• Available in 44-pin SOJ package and
44-pin TSOP (Type II)
• Commercial, Industrial and Automotive tempera-
ture ranges available
• Lead-free available
DESCRIPTION
The
ISSI IS61C25616AL/AS and IS64C25616AL/AS are
high-speed, 4,194,304-bit static RAMs organized as 262,144
words by 16 bits. They are fabricated using
ISSI's high-
performance CMOS technology. This highly reliable process
coupled with innovative circuit design techniques, yields
access times as fast as 12 ns with low power consumption.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be reduced
down with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE and OE. The active LOW Write
Enable (
WE) controls both writing and reading of the memory.
A data byte allows Upper Byte (
UB) and Lower Byte (LB)
access.
The IS61C25616AL/AS and IS64C25616AL/AS are pack-
aged in the JEDEC standard 44-pin 400-mil SOJ and 44-pin
TSOP (Type II).
FUNCTIONAL BLOCK DIAGRAM
MARCH 2008
A0-A17
CE
OE
WE
256K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB
256K x 16 HIGH-SPEED CMOS STATIC RAM


Similar Part No. - IS61C25616AL-10TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
More results

Similar Description - IS61C25616AL-10TI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62C25616BL ISSI-IS62C25616BL Datasheet
435Kb / 13P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
   256K x 16, CMOS STATIC RAM
V62C1164096 MOSEL-V62C1164096 Datasheet
178Kb / 10P
   256K x 16, CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Force Technologies Ltd
FTC41041 FORCE-FTC41041 Datasheet
1Mb / 11P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P3C1041 PYRAMID-P3C1041 Datasheet
291Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61LV2568L ISSI-IS61LV2568L_08 Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568L ISSI-IS61LV2568L Datasheet
75Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com