Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199D-10VXI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY7C199D-10VXI
Description  256K (32K x 8) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199D-10VXI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY7C199D-10VXI Datasheet HTML 4Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 5Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 6Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 7Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 8Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 9Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 10Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 11Page - Cypress Semiconductor CY7C199D-10VXI Datasheet HTML 12Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
CY7C199D
Document #: 38-05471 Rev. *E
Page 11 of 12
Document History Page
Document Title: CY7C199D 256K (32K x 8) Static RAM
Document Number: 38-05471
Revision
ECN
Orig. of
Change
Submission
Date
Description of Change
**
201560
SWI
See ECN
Advance Information datasheet for C9 IPP
*A
233728
RKF
See ECN
DC parameters modified as per EROS (Spec # 01-02165)
Pb-free Offering in Ordering Information
*B
262950
RKF
See ECN
Removed 28-LCC Pinout and Package Diagrams
Added Data Retention Characteristics table
Added Tpower Spec in Switching Characteristics table
Shaded Ordering Information
*C
307594
RKF
See ECN
Reduced Speed bins to -10, -12 and -15 ns
*D
820660
VKN
See ECN
Converted from Preliminary to Final
Removed 12 ns and 15 ns speed bin
Removed Commercial Operating range
Removed “L” part
Removed 28-pin PDIP and 28-pin SOIC package
Changed Overshoot spec from VCC+2V to VCC+1V in footnote #2
Changed ICC spec from 60 mA to 80 mA for 100 MHz speed bin
Added ICC specs for 83 MHz, 66 MHz and 40 MHz speed bins
Updated Thermal Resistance table
Updated Ordering Information Table
*E
2745093
VKN
See ECN
Included 28-Pin SOIC package
Changed VIH level from 2.0V to 2.2V
For Industrial grade, changed tSD from 5 ns to 6 ns, and tHZWE from 6 ns to 5 ns
Included Automotive-E information
[+] Feedback


Similar Part No. - CY7C199D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199D-10VXI CYPRESS-CY7C199D-10VXI Datasheet
931Kb / 10P
   256K (32K x 8) Static RAM
CY7C199D-10VXI CYPRESS-CY7C199D-10VXI Datasheet
476Kb / 14P
   256 K (32 K x 8) Static RAM Automatic power-down when deselected
CY7C199D-10VXIT CYPRESS-CY7C199D-10VXIT Datasheet
476Kb / 14P
   256 K (32 K 횞 8) Static RAM
More results

Similar Description - CY7C199D-10VXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
CY62256VN CYPRESS-CY62256VN_09 Datasheet
422Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C CYPRESS-CY7C199C_06 Datasheet
317Kb / 13P
   256K (32K x 8) Static RAM
CY7C199C-15VIT CYPRESS-CY7C199C-15VIT Datasheet
321Kb / 13P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256 Datasheet
394Kb / 12P
   256K (32K x 8) Static RAM
CY62256 CYPRESS-CY62256_06 Datasheet
478Kb / 14P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com