Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS64C25616AL-12CTLA3 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS64C25616AL-12CTLA3
Description  256K x 16 HIGH-SPEED CMOS STATIC RAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64C25616AL-12CTLA3 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS64C25616AL-12CTLA3 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS64C25616AL-12CTLA3 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS64C25616AL-12CTLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64C25616AL-12CTLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64C25616AL-12CTLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64C25616AL-12CTLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64C25616AL-12CTLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64C25616AL-12CTLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64C25616AL-12CTLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
3
Rev. C
03/21/2008
IS61C25616AL
IS61C25616AS
IS64C25616AL
IS64C25616AS
TRUTH TABLE
I/O PIN
Mode
WE
WE
WE
WE
WE
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
LB
LB
LB
LB
LB
UB
UB
UB
UB
UB
I/O0-I/O7
I/O8-I/O15
VDD Current
Not Selected
X
H
X
X
X
High-Z
High-Z
ISB1, ISB2
Output Disabled
H
L
H
X
X
High-Z
High-Z
ICC1, ICC2
X
L
X
H
H
High-Z
High-Z
Read
H
L
L
L
H
DOUT
High-Z
ICC1, ICC2
H
L
L
H
L
High-Z
DOUT
H
LLLL
DOUT
DOUT
Write
L
L
X
L
H
DIN
High-Z
ICC1, ICC2
L
L
X
H
L
High-Z
DIN
LL
X
L
L
DIN
DIN
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
VTERM
Terminal Voltage with Respect to GND
–0.5 to +7.0
V
TSTG
Storage Temperature
–65 to +150
°C
PT
Power Dissipation
1.5
W
IOUT
DC Output Current (LOW)
20
mA
Notes:
1. Stress greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause permanent damage to the
device. This is a stress rating only and functional operation of the device at these or any other conditions above
those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
Symbol Parameter
Test Conditions
Min.
Max.
Unit
VOH
Output HIGH Voltage
VDD = Min., IOH = –4.0 mA
2.4
V
VOL
Output LOW Voltage
VDD = Min., IOL = 8.0 mA
0.4
V
VIH
Input HIGH Voltage
2.2
VDD + 0.5
V
VIL
Input LOW Voltage(1)
–0.3
0.8
V
ILI
Input Leakage
GND
≤ VIN ≤ VDD
Com.
–1
1
µA
Ind.
–2
2
Auto.
–5
5
ILO
Output Leakage
GND
≤ VOUT ≤ VDD
Com.
–1
1
µA
Outputs Disabled
Ind.
–2
2
Auto.
–5
5
Note: 1. VIL = –3.0V for pulse width less than 10 ns.
CAPACITANCE(1,2)
Symbol
Parameter
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
pF
COUT
Output Capacitance
VOUT = 0V
7
pF
Notes:
1. Tested initially and after any design or process changes that may affect these parameters.
2. Test conditions: TA = 25°C, f = 1 MHz, VDD = 5.0V.


Similar Part No. - IS64C25616AL-12CTLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64C1024AL ISSI-IS64C1024AL Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS64C1024AL-15KA3 ISSI-IS64C1024AL-15KA3 Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS64C1024AL-15KA3 ISSI-IS64C1024AL-15KA3 Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS64C1024AL-15TA3 ISSI-IS64C1024AL-15TA3 Datasheet
107Kb / 17P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
IS64C1024AL-15TA3 ISSI-IS64C1024AL-15TA3 Datasheet
883Kb / 15P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS64C25616AL-12CTLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS62C25616BL ISSI-IS62C25616BL Datasheet
435Kb / 13P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
   256K x 16, CMOS STATIC RAM
V62C1164096 MOSEL-V62C1164096 Datasheet
178Kb / 10P
   256K x 16, CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1041 PYRAMID-P4C1041 Datasheet
445Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Force Technologies Ltd
FTC41041 FORCE-FTC41041 Datasheet
1Mb / 11P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Pyramid Semiconductor C...
P3C1041 PYRAMID-P3C1041 Datasheet
291Kb / 10P
   HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61LV2568L ISSI-IS61LV2568L_08 Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV2568L ISSI-IS61LV2568L Datasheet
75Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com