Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS61C5128AL-10TI Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS61C5128AL-10TI
Description  512K x 8 HIGH-SPEED CMOS STATIC RAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61C5128AL-10TI Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS61C5128AL-10TI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61C5128AL-10TI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61C5128AL-10TI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61C5128AL-10TI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61C5128AL-10TI Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS61C5128AL-10TI Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS61C5128AL-10TI Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS61C5128AL-10TI Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS61C5128AL-10TI Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
9
Rev. B
03/04/2008
IS61C5128AL/AS
IS64C5128AL/AS
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (Over Operating Range)
-10
-12
-25
Symbol Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
tWC
Write Cycle Time
10
12
25
ns
tSCE
CE to Write End
7
9
18
ns
tAW
Address Setup Time
7
9
18
ns
to Write End
tHA
Address Hold from Write End
0
0
0
ns
tSA
Address Setup Time
0
0
0
ns
tPWE1
WE Pulse Width (OE =High)
7
9
15
ns
tPWE2
WE Pulse Width (OE=Low)
7
9
15
ns
tSD
Data Setup to Write End
6
6
15
ns
tHD
Data Hold from Write End
0
0
0
ns
tHZWE(2) WE LOW to High-Z Output
6
6
15
ns
tLZWE(2)
WE HIGH to Low-Z Output
3
3
5
ns
Notes:
1. Test conditions assume signal transition times of 3 ns or less, timing reference levels of 1.5V, input pulse levels of 0 to 3.0V
and output loading specified in Figure 1.
2. Tested with the load in Figure 2. Transition is measured ±500 mV from steady-state voltage. Not 100% tested.
3. The internal write time is defined by the overlap of
CE LOW, and WE LOW. All signals must be in valid states to initiate a
Write, but any one can go inactive to terminate the Write. The Data Input Setup and Hold timing are referenced to the rising or
falling edge of the signal that terminates the write.


Similar Part No. - IS61C5128AL-10TI

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Solu...
IS61C512 ICSI-IS61C512 Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15J ICSI-IS61C512-15J Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15JI ICSI-IS61C512-15JI Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15N ICSI-IS61C512-15N Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
IS61C512-15NI ICSI-IS61C512-15NI Datasheet
425Kb / 8P
   64K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS61C5128AL-10TI

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C1049 PYRAMID-P4C1049 Datasheet
210Kb / 12P
   HIGH SPEED 512K x 8 STATIC CMOS RAM
logo
Integrated Silicon Solu...
IS61LV5128AL ISSI-IS61LV5128AL Datasheet
99Kb / 13P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Circuit Solu...
IC61LV5128 ICSI-IC61LV5128 Datasheet
157Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
IS61LV5128 ICSI-IS61LV5128 Datasheet
443Kb / 8P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
61LV5128 ISSI-61LV5128 Datasheet
73Kb / 9P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
List of Unclassifed Man...
IS62C5128BL-45QLI ETC2-IS62C5128BL-45QLI Datasheet
512Kb / 14P
   512K x 8 HIGH-SPEED CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS61WV5128ALL ISSI-IS61WV5128ALL Datasheet
585Kb / 25P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV5128BLL-10TLI ISSI-IS61WV5128BLL-10TLI Datasheet
586Kb / 26P
   512K x 8 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM
logo
Mosel Vitelic, Corp
V62C1804096 MOSEL-V62C1804096 Datasheet
157Kb / 10P
   512K X 8, CMOS STATIC RAM
V62C2804096 MOSEL-V62C2804096 Datasheet
163Kb / 10P
   512K X 8, CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com