Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9S12XS64J1M Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # SC9S12XS64J1M
Description  HCS12 Microcontrollers
Download  736 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9S12XS64J1M Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button SC9S12XS64J1M Datasheet HTML 74Page - Freescale Semiconductor, Inc SC9S12XS64J1M Datasheet HTML 75Page - Freescale Semiconductor, Inc SC9S12XS64J1M Datasheet HTML 76Page - Freescale Semiconductor, Inc SC9S12XS64J1M Datasheet HTML 77Page - Freescale Semiconductor, Inc SC9S12XS64J1M Datasheet HTML 78Page - Freescale Semiconductor, Inc SC9S12XS64J1M Datasheet HTML 79Page - Freescale Semiconductor, Inc SC9S12XS64J1M Datasheet HTML 80Page - Freescale Semiconductor, Inc SC9S12XS64J1M Datasheet HTML 81Page - Freescale Semiconductor, Inc SC9S12XS64J1M Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 736 page
background image
Port Integration Module (S12XSPIMV1)
S12XS Family Reference Manual, Rev. 1.09
78
Freescale Semiconductor
2.3.11
Ports ABEK Reduced Drive Register (RDRIV)
This register is used to select reduced drive for the pins associated with ports A, B, E, and K. If enabled,
the pins drive at approx. 1/5 of the full drive strength. The reduced drive function is independent of which
function is being used on a particular pin.
1
PUPBE
Port B Pull-up Enable—Enable pull-up devices on all port input pins
This bit configures whether a pull-up device is activated on all associated port input pins. If a pin is used as output
this bit has no effect.
1 Pull-up device enabled
0 Pull-up device disabled
0
PUPAE
Port A Pull-up Enable—Enable pull-up devices on all port input pins
This bit configures whether a pull-up device is activated on all associated port input pins. If a pin is used as output
this bit has no effect.
1 Pull-up device enabled
0 Pull-up device disabled
Address 0x000D (PRR)
Access: User read/write1
1 Read: Anytime. The data source depends on the data direction value.
Write: Anytime.
76543210
R
RDPK
00
RDPE
00
RDPB
RDPA
W
Reset
00000000
= Unimplemented or Reserved
Figure 2-9. Ports ABEK Reduced Drive Register (RDRIV)
Table 2-10. PUCR Register Field Descriptions (continued)
Field
Description


Similar Part No. - SC9S12XS64J1M

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC9S12XS256J1CAAR FREESCALE-SC9S12XS256J1CAAR Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1CAER FREESCALE-SC9S12XS256J1CAER Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1CALR FREESCALE-SC9S12XS256J1CALR Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1MAAR FREESCALE-SC9S12XS256J1MAAR Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1MAER FREESCALE-SC9S12XS256J1MAER Datasheet
9Mb / 738P
   HCS12 Microcontrollers
More results

Similar Description - SC9S12XS64J1M

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12HZ256 FREESCALE-MC9S12HZ256 Datasheet
3Mb / 692P
   HCS12 Microcontrollers
MC9S12E128 FREESCALE-MC9S12E128 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
MC9S12XS128MAL FREESCALE-MC9S12XS128MAL Datasheet
9Mb / 738P
   HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
   HCS12 Microcontrollers
logo
Freescale Semiconductor...
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
   HCS12 Microcontrollers
MC9S12E256 FREESCALE-MC9S12E256 Datasheet
3Mb / 602P
   HCS12 Microcontrollers
MC9S12Q128 FREESCALE-MC9S12Q128_10 Datasheet
3Mb / 644P
   HCS12 Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128_1 Datasheet
2Mb / 546P
   HCS12 Microcontrollers
MC9S12XS256 FREESCALE-MC9S12XS256_1 Datasheet
9Mb / 738P
   HCS12 Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128_10 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com