Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9S12XS128J1V Datasheet(PDF) 42 Page - Freescale Semiconductor, Inc

Part # SC9S12XS128J1V
Description  HCS12 Microcontrollers
Download  736 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9S12XS128J1V Datasheet(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button SC9S12XS128J1V Datasheet HTML 38Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 39Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 40Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 41Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 42Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 43Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 44Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 45Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 736 page
background image
Device Overview S12XS Family
S12XS Family Reference Manual, Rev. 1.09
42
Freescale Semiconductor
1.2.3.8
PE7 / ECLKX2 / XCLKS — Port E I/O Pin 7
PE7 is a general-purpose input or output pin. ECLKX2 is a clock output of twice the internal bus
frequency. The XCLKS is an input signal which controls whether a crystal in combination with the internal
loop controlled Pierce oscillator is used or whether full swing Pierce oscillator/external clock circuitry is
used (refer to Section 1.9 Oscillator Configuration). An internal pull-up is enabled during reset.
1.2.3.9
PE[6:5] — Port E I/O Pin 6-5
PE[6:5] are a general-purpose input or output pins.
1.2.3.10
PE4 / ECLK — Port E I/O Pin 4
PE4 is a general-purpose input or output pin. It can be configured to output the internal bus clock ECLK.
ECLK can be used as a timing reference. The ECLK output has a programmable prescaler.
1.2.3.11
PE[3:2] — Port E I/O Pin 3
PE[3:2] are a general-purpose input or output pins.
1.2.3.12
PE1 / IRQ — Port E Input Pin 1
PE1 is a general-purpose input pin and the maskable interrupt request input that provides a means of
applying asynchronous interrupt requests. This will wake up the MCU from stop or wait mode.
1.2.3.13
PE0 / XIRQ — Port E Input Pin 0
PE0 is a general-purpose input pin and the non-maskable interrupt request input that provides a means of
applying asynchronous interrupt requests. This will wake up the MCU from stop or wait mode. The XIRQ
interrupt is level sensitive and active low. As XIRQ is level sensitive, while this pin is low the MCU will
not enter STOP mode.
1.2.3.14
PH[7:0] / KWH[7:0] — Port H I/O Pins
PH[7:0] are a general-purpose input or output pins. They can be configured as keypad wakeup inputs.
1.2.3.15
PJ[7:6] / KWJ[7:6] — PORT J I/O Pins 7-6
PJ[7:6] are a general-purpose input or output pins. They can be configured as keypad wakeup inputs.
1.2.3.16
PJ[1:0] / KWJ[1:0] — PORT J I/O Pins 1-0
PJ[1:0] are a general-purpose input or output pins. They can be configured as keypad wakeup inputs.
1.2.3.17
PK[7,5:0] — Port K I/O Pins 7 and 5-0
PK[7,5:0] are a general-purpose input or output pins.


Similar Part No. - SC9S12XS128J1V

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC9S12XS256J1CAAR FREESCALE-SC9S12XS256J1CAAR Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1CAER FREESCALE-SC9S12XS256J1CAER Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1CALR FREESCALE-SC9S12XS256J1CALR Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1MAAR FREESCALE-SC9S12XS256J1MAAR Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1MAER FREESCALE-SC9S12XS256J1MAER Datasheet
9Mb / 738P
   HCS12 Microcontrollers
More results

Similar Description - SC9S12XS128J1V

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12HZ256 FREESCALE-MC9S12HZ256 Datasheet
3Mb / 692P
   HCS12 Microcontrollers
MC9S12E128 FREESCALE-MC9S12E128 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
MC9S12XS128MAL FREESCALE-MC9S12XS128MAL Datasheet
9Mb / 738P
   HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
   HCS12 Microcontrollers
logo
Freescale Semiconductor...
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
   HCS12 Microcontrollers
MC9S12E256 FREESCALE-MC9S12E256 Datasheet
3Mb / 602P
   HCS12 Microcontrollers
MC9S12Q128 FREESCALE-MC9S12Q128_10 Datasheet
3Mb / 644P
   HCS12 Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128_1 Datasheet
2Mb / 546P
   HCS12 Microcontrollers
MC9S12XS256 FREESCALE-MC9S12XS256_1 Datasheet
9Mb / 738P
   HCS12 Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128_10 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com