Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9S12XS128J1V Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # SC9S12XS128J1V
Description  HCS12 Microcontrollers
Download  736 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9S12XS128J1V Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button SC9S12XS128J1V Datasheet HTML 17Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 18Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 19Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 20Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 21Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 22Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 23Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 24Page - Freescale Semiconductor, Inc SC9S12XS128J1V Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 736 page
background image
Device Overview S12XS Family
S12XS Family Reference Manual, Rev. 1.09
Freescale Semiconductor
21
– 16 data bits plus 6 syndrome ECC (Error Correction Code) bits allow single bit failure
correction and double fault detection
– Erase sector size 256 bytes
– Automated program and erase algorithm
— 4K, 8K and 12K byte RAM
16-channel, 12-bit Analog-to-Digital converter
— 8/10/12 Bit resolution
—3
µs, 10-bit single conversion time
— Left or right justified result data
— External and internal conversion trigger capability
— Internal oscillator for conversion in Stop modes
— Wake from low power modes on analog comparison > or <= match
— Continuous conversion mode
— Multiplexer for 16 analog input channels
— Multiple channel scans
— Pins can also be used as digital I/O
MSCAN (1 M bit per second, CAN 2.0 A, B software compatible module)
— 1 Mbit per second, CAN 2.0 A, B software compatible module
– Standard and extended data frames
– 0 - 8 bytes data length
– Programmable bit rate up to 1 Mbps
— Five receive buffers with FIFO storage scheme
— Three transmit buffers with internal prioritization
— Flexible identifier acceptance filter programmable as:
– 2 x 32-bit
– 4 x 16-bit
– 8 x 8-bit
— Wake-up with integrated low pass filter option
— Loop back for self test
— Listen-only mode to monitor CAN bus
— Bus-off recovery by software intervention or automatically
— 16-bit time stamp of transmitted/received messages
TIM (standard timer module)
— 8 x 16-bit channels for input capture or output compare
— 16-bit free-running counter with 8-bit precision prescaler
— 1 x 16-bit pulse accumulator
PIT (periodic interrupt timer)
— Up to four timers with independent time-out periods
— Time-out periods selectable between 1 and 224 bus clock cycles


Similar Part No. - SC9S12XS128J1V

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC9S12XS256J1CAAR FREESCALE-SC9S12XS256J1CAAR Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1CAER FREESCALE-SC9S12XS256J1CAER Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1CALR FREESCALE-SC9S12XS256J1CALR Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1MAAR FREESCALE-SC9S12XS256J1MAAR Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1MAER FREESCALE-SC9S12XS256J1MAER Datasheet
9Mb / 738P
   HCS12 Microcontrollers
More results

Similar Description - SC9S12XS128J1V

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12HZ256 FREESCALE-MC9S12HZ256 Datasheet
3Mb / 692P
   HCS12 Microcontrollers
MC9S12E128 FREESCALE-MC9S12E128 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
MC9S12XS128MAL FREESCALE-MC9S12XS128MAL Datasheet
9Mb / 738P
   HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
   HCS12 Microcontrollers
logo
Freescale Semiconductor...
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
   HCS12 Microcontrollers
MC9S12E256 FREESCALE-MC9S12E256 Datasheet
3Mb / 602P
   HCS12 Microcontrollers
MC9S12Q128 FREESCALE-MC9S12Q128_10 Datasheet
3Mb / 644P
   HCS12 Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128_1 Datasheet
2Mb / 546P
   HCS12 Microcontrollers
MC9S12XS256 FREESCALE-MC9S12XS256_1 Datasheet
9Mb / 738P
   HCS12 Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128_10 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com