Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9S12XS256J1C Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # SC9S12XS256J1C
Description  HCS12 Microcontrollers
Download  736 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9S12XS256J1C Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button SC9S12XS256J1C Datasheet HTML 79Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 80Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 81Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 82Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 83Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 84Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 85Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 86Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 736 page
background image
Port Integration Module (S12XSPIMV1)
S12XS Family Reference Manual, Rev. 1.09
Freescale Semiconductor
83
2.3.18
Port T Data Register (PTT)
Table 2-15. DDRK Register Field Descriptions
Field
Description
7,5-0
DDRK
Port K Data Direction—
This bit determines whether the associated pin is an input or output.
1 Associated pin configured as output
0 Associated pin configured as input
Address 0x0240
Access: User read/write1
1 Read: Anytime. The data source depends on the data direction value.
Write: Anytime.
76543210
R
PTT7
PTT6
PTT5
PTT4
PTT3
PTT2
PTT1
PTT0
W
Altern.
Function
IOC7
IOC6
IOC5
IOC4
IOC3
IOC2
IOC1
IOC0
(PWM7)
(PWM6)
(PWM5)
(PWM4)
————
VREG_API
—————
Reset
00000000
Figure 2-16. Port T Data Register (PTT)
Table 2-16. PTT Register Field Descriptions
Field
Description
7-6, 4
PTT
Port T general purpose input/output data—Data Register, TIM output, routed PWM output
When not used with the alternative function, the associated pin can be used as general purpose I/O. In general
purpose output mode the register bit value is driven to the pin.
If the associated data direction bit is set to 1, a read returns the value of the port register bit, otherwise the buffered
pin input state is read.
• The TIM output function takes precedence over the routed PWM and the general purpose I/O function if the
related channel is enabled.
• The routed PWM function takes precedence over the general purpose I/O function if the related channel is
enabled.


Similar Part No. - SC9S12XS256J1C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC9S12XS256J1CAAR FREESCALE-SC9S12XS256J1CAAR Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1CAER FREESCALE-SC9S12XS256J1CAER Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1CALR FREESCALE-SC9S12XS256J1CALR Datasheet
9Mb / 738P
   HCS12 Microcontrollers
More results

Similar Description - SC9S12XS256J1C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12HZ256 FREESCALE-MC9S12HZ256 Datasheet
3Mb / 692P
   HCS12 Microcontrollers
MC9S12E128 FREESCALE-MC9S12E128 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
MC9S12XS128MAL FREESCALE-MC9S12XS128MAL Datasheet
9Mb / 738P
   HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
   HCS12 Microcontrollers
logo
Freescale Semiconductor...
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
   HCS12 Microcontrollers
MC9S12E256 FREESCALE-MC9S12E256 Datasheet
3Mb / 602P
   HCS12 Microcontrollers
MC9S12Q128 FREESCALE-MC9S12Q128_10 Datasheet
3Mb / 644P
   HCS12 Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128_1 Datasheet
2Mb / 546P
   HCS12 Microcontrollers
MC9S12XS256 FREESCALE-MC9S12XS256_1 Datasheet
9Mb / 738P
   HCS12 Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128_10 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com