Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC9S12XS256J1C Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # SC9S12XS256J1C
Description  HCS12 Microcontrollers
Download  736 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC9S12XS256J1C Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button SC9S12XS256J1C Datasheet HTML 43Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 44Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 45Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 46Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 47Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 48Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 49Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 50Page - Freescale Semiconductor, Inc SC9S12XS256J1C Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 736 page
background image
Device Overview S12XS Family
S12XS Family Reference Manual, Rev. 1.09
47
Freescale Semiconductor
VDDPLL
1.8 V
Provides operating voltage and ground for
the phased-locked loop. This allows the
supply voltage to the PLL to be bypassed
independently. Internal power and ground
generated by internal regulator.
VSSPLL
0 V
Table 1-7. Power and Ground Connection Summary
Mnemonic
Nominal
Voltage
Description


Similar Part No. - SC9S12XS256J1C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
SC9S12XS256J1CAAR FREESCALE-SC9S12XS256J1CAAR Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1CAER FREESCALE-SC9S12XS256J1CAER Datasheet
9Mb / 738P
   HCS12 Microcontrollers
SC9S12XS256J1CALR FREESCALE-SC9S12XS256J1CALR Datasheet
9Mb / 738P
   HCS12 Microcontrollers
More results

Similar Description - SC9S12XS256J1C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S12HZ256 FREESCALE-MC9S12HZ256 Datasheet
3Mb / 692P
   HCS12 Microcontrollers
MC9S12E128 FREESCALE-MC9S12E128 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
MC9S12XS128MAL FREESCALE-MC9S12XS128MAL Datasheet
9Mb / 738P
   HCS12 Microcontrollers
logo
Motorola, Inc
HCS12 MOTOROLA-HCS12 Datasheet
311Kb / 34P
   HCS12 Microcontrollers
logo
Freescale Semiconductor...
HCS12 FREESCALE-HCS12 Datasheet
1Mb / 452P
   HCS12 Microcontrollers
MC9S12E256 FREESCALE-MC9S12E256 Datasheet
3Mb / 602P
   HCS12 Microcontrollers
MC9S12Q128 FREESCALE-MC9S12Q128_10 Datasheet
3Mb / 644P
   HCS12 Microcontrollers
MC3S12RG128 FREESCALE-MC3S12RG128_1 Datasheet
2Mb / 546P
   HCS12 Microcontrollers
MC9S12XS256 FREESCALE-MC9S12XS256_1 Datasheet
9Mb / 738P
   HCS12 Microcontrollers
MC9S12KG128 FREESCALE-MC9S12KG128_10 Datasheet
3Mb / 606P
   HCS12 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com