Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC72131S Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SC72131S
Description  PLL FOR DIGITAL TUNING SYSTEM(DTS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC72131S Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SC72131S Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC72131S Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC72131S Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC72131S Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC72131S Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC72131S Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC72131S Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC72131S Datasheet HTML 9Page - Silan Microelectronics Joint-stock SC72131S Datasheet HTML 10Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SC72131
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:2.0
2004.08.03
Http: www.silan.com.cn
Page 6 of 11
FM
MODE
Input pin
Set divisor
Actual divisor: N
Input frequency range (MHz)
1
*
FMIN
272 to 65535
Twice the set value
10 to 160
0
1
AMIN
272 to 65535
The set value
2 to 40
0
0
AMIN
4 to 4095
The set value
0.5 to 10
Note: * Don’
t care.
1.IF Counter Structure
The SC72131 IF counter section consists of input amp, a gate time control circuit and a 20bit binary counter.
The result, i.e., the counter’
s msb, can be read serially from the Dout pin.
G1
G0
Gate time (GT) (ms)
Wait time (ms)
0
0
4
3 ~ 4
0
1
8
3 ~ 4
1
0
32
7 ~ 8
1
1
64
7 ~ 8
2. IF Counter Operation
Note: 1. IFIN input have built-in amp. Data are input by capacitor coupling.
2. Before starting the IF count, the IF counter must be reset in advance by setting CTE in the serial data to 0.
3. The IF count is started by changing the CTE bit in the serial data from 0 to 1. The serial data is latched
by the SC72131 when the CE pin is dropped from high to low.
4.The IF signal must be supplied to the IFIN pin in the period between the point the CE pin goes low and
the end of the wait time at the latest.
5. The value of the IF counter at the end of the Gate-Time must be read out during the period that CTE is
1. This is because the IF counter is reset when CTE is set to 0.
6. When operating the IF counter, the control microprocessor must first check the state of the IF-IC SD
(station detect) signal and only after determining that the SD signal is present turn on IF buffer output


Similar Part No. - SC72131S

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
SC721 POLYFET-SC721 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
SC721 POLYFET-SC721_14 Datasheet
61Kb / 2P
   RF POWER VDMOS TRANSISTOR
More results

Similar Description - SC72131S

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9418FN TOSHIBA-TC9418FN Datasheet
899Kb / 21P
   PLL FOR DIGITAL TUNING SYSTEM
logo
Silan Microelectronics ...
SC9256 SILAN-SC9256 Datasheet
223Kb / 24P
   PLL FOR DTS
logo
Toshiba Semiconductor
TB2110FN TOSHIBA-TB2110FN_02 Datasheet
1Mb / 19P
   PLL For DTS
TC9256APG TOSHIBA-TC9256APG Datasheet
2Mb / 34P
   PLL for DTS
TB2110FN TOSHIBA-TB2110FN Datasheet
763Kb / 18P
   PLL FOR DTS
TC9256P TOSHIBA-TC9256P Datasheet
1Mb / 33P
   PLL FOR DTS
logo
Silan Microelectronics ...
SC9257 SILAN-SC9257 Datasheet
1,019Kb / 28P
   PLL FOR DTS
logo
Hitachi Semiconductor
HD10551 HITACHI-HD10551 Datasheet
106Kb / 4P
   Prescaler for Digital Tuning System
logo
Toshiba Semiconductor
TB2118F TOSHIBA-TB2118F Datasheet
818Kb / 19P
   HIGH SPEED PLL FOR DTS
TB2118F TOSHIBA-TB2118F_02 Datasheet
315Kb / 20P
   High Speed PLL For DTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com