Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS45S16160D-7TLA1 Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS45S16160D-7TLA1
Description  32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16160D-7TLA1 Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS45S16160D-7TLA1 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA1 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA1 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA1 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA1 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16160D-7TLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
2
Integrated Silicon Solution, Inc. — www.issi.com
Rev. B
06/11/09
IS42S83200D, IS42S16160D
IS45S83200D, IS45S16160D
DEVICE OVERVIEW
The 256Mb SDRAM is a high speed CMOS, dynamic
random-accessmemorydesignedtooperatein3.3VVdd
and3.3VVddq memorysystemscontaining268,435,456
bits.Internallyconfiguredasaquad-bankDRAMwitha
synchronousinterface.Each67,108,864-bitbankisorga-
nizedas8,192rowsby512columnsby16bitsor8,192
rowsby1,024columnsby8bits.
The256MbSDRAMincludesanAUTOREFRESHMODE,
and a power-saving, power-down mode. All signals are
registeredonthepositiveedgeoftheclocksignal,CLK.
AllinputsandoutputsareLVTTLcompatible.
The256MbSDRAMhastheabilitytosynchronouslyburst
data at a high data rate with automatic column-address
generation, the ability to interleave between internal banks
to hide precharge time and the capability to randomly
change column addresses on each clock cycle during
burst access.
A self-timed row precharge initiated at the end of the burst
sequenceisavailablewiththeAUTOPRECHARGEfunction
enabled. Precharge one bank while accessing one of the
other three banks will hide the precharge cycles and provide
seamless, high-speed, random-access operation.
SDRAM read and write accesses are burst oriented starting
at a selected location and continuing for a programmed
number of locations in a programmed sequence.The
registration of an ACTIVE command begins accesses,
followedbyaREADorWRITEcommand.TheACTIVE
command in conjunction with address bits registered are
usedtoselectthebankandrowtobeaccessed(BA0,
BA1selectthebank;A0-A12selecttherow).TheREAD
or WRITE commands in conjunction with address bits
registered are used to select the starting column location
for the burst access.
ProgrammableREADorWRITEburstlengthsconsistof
1,2,4and8locationsorfullpage,withaburstterminate
option.
CLK
CKE
CS
RAS
CAS
WE
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
BA0
BA1
A10
A12
COMMAND
DECODER
&
CLOCK
GENERATOR
MODE
REGISTER
REFRESH
CONTROLLER
REFRESH
COUNTER
SELF
REFRESH
CONTROLLER
ROW
ADDRESS
LATCH
COLUMN
ADDRESSLATCH
BURSTCOUNTER
COLUMN
ADDRESSBUFFER
COLUMNDECODER
DATAIN
BUFFER
DATAOUT
BUFFER
DQML
DQMH
DQ0-15
VDD/VDDQ
Vss/VssQ
13
13
9
13
13
9
16
16
16
16
512
(x16)
8192
8192
8192
8192
MEMORYCELL
ARRAY
BANK 0
SENSEAMPI/OGATE
BANKCONTROLLOGIC
ROW
ADDRESS
BUFFER
A11
2
FUNCTIONAL BLOCK DIAGRAM (FOR 4Mx16x4 BANKS SHOWN)


Similar Part No. - IS45S16160D-7TLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16160C ISSI-IS45S16160C Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS45S16160C-75TLA1 ISSI-IS45S16160C-75TLA1 Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS45S16160C-7TLA1 ISSI-IS45S16160C-7TLA1 Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS45S16160G ISSI-IS45S16160G Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
IS45S16160G-6BLA1 ISSI-IS45S16160G-6BLA1 Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
More results

Similar Description - IS45S16160D-7TLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200G ISSI-IS42S83200G Datasheet
942Kb / 63P
   32Meg x 8, 16Meg x16 256Mb SYNCHRONOUS DRAM
IS45S16800B ISSI-IS45S16800B Datasheet
571Kb / 59P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S16800B ISSI-IS42S16800B Datasheet
563Kb / 60P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
IS42S81600D ISSI-IS42S81600D Datasheet
567Kb / 62P
   16Meg x 8, 8Meg x16 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Circuit Solu...
IS42LS81600A ICSI-IS42LS81600A Datasheet
556Kb / 66P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Integrated Silicon Solu...
42S16800A ISSI-42S16800A Datasheet
540Kb / 61P
   16Meg x 8, 8Meg x16 & 4Meg x 32 128-MBIT SYNCHRONOUS DRAM
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com