Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SC6105 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part No. SC6105
Description  VOLTAGE MODE PWM POWER SUPPLY WITH BUILTIN PROTECTION AND REGULATION
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILAN [Silan Microelectronics Joint-stock]
Homepage  http://www.silan.com.cn
Logo 

SC6105 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

   
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SC6105
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.4
2008.04.17
Http://www.silan.com.cn
Page 1 of 9
VOLTAGE MODE PWM POWER SUPPLY WITH BUILT-IN SUPERVISOR,
PROTECTION AND REGULATION
DESCRIPTION
The SC6105 is a switching mode power supply controller for
computers. It can regulator the output voltages by providing PWM
signals to drive a transformer. It monitors and protects the
3.3V/±5V/±12V outputs. Two internal TL431 shunt regulators provide
stable reference voltage for 3.3V and 5V-standby regulator. Remote
ON/OFF control, power good circuitry, over voltage and under
voltage protection circuitry and over power protection circuitry is
implemented.
FEATURES
* Over voltage protection for 3.3V/5V/12V
* Under voltage protection for 3.3V/±5V/±12V
* Over power protection
* Short circuit protection
* AC-input under voltage protection
* Power good circuitry
* PSON for remote controller
* Delay time for PSON or PG signals
* Two shunt regulators for 3.3V and 5V-standby
* soft start and maximum 93% duty cycle
DIP-20-300-2.54
APPLICATIONS
* Switching mode power supply for
computers.
ORDERING INFORMATION
Part
Package
SC6105B
DIP-20-300-2.54


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn