Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC73P2602SH1 Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SC73P2602SH1
Description  PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN TRANSISTOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SC73P2602SH1 Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SC73P2602SH1 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SC73P2602SH1 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SC73P2602SH1 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SC73P2602SH1 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SC73P2602SH1 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SC73P2602SH1 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SC73P2602SH1 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SC73P2602SH1 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SC73P2602SH1 Datasheet HTML 9Page - Silan Microelectronics Joint-stock Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PROGRAMMABLE INFRARED REMOTE TRANSMITTER WITH BUILT-IN
TRANSISTOR
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2009.11.19
Http: //www.silan.com.cn
Page 1 of 28
FEATURES
∗ SC73 core.
∗ 2K×9 bit OTP and 32×4 bit RAM
∗ Built-in infrared transmitting transistor: IOL =
350mA.
∗ Support external infrared transmitting transistor.
∗ Internal carrier generator.
∗ Internal power-on clear circuit (POC).
∗ Internal watchdog timer (WDT).
∗ 3-level program stack.
∗ Support low voltages detect (LVD).
∗ Supports In-System Programming (ISP).
∗ Oscillator frequency: FOSC=4MHz (Typ.).
DESCRIPTION
SC73P2602 is SC73 core based programmable remote
transmitter (4-bit MCU) with infrared transmitting transistor and
built-in 2K OTP program memory supporting in-system program
(ISP) which can optimize the stock control.
Due to the infrared transmitting transistor embedded, few
periphery components are needed and the cost is reduced.
And the quick mask function that SC73P2602 supported can meet
the mass production delivery requirements as soon as possible
due to its mask cycle is 2~3 weeks less than the traditional mask
cycle.
SC73P2602 is available in several packages and pin to pin
compatible with all the products of SC73C16 and SC73P16 series.
∗ System clock: FMAIN= FOSC /8.
∗ Instruction period: 5/ FMAIN.
∗ Operating voltage: 1.8V~3.6V, quiescent current is
no higher than 1
μA.
BLOCK DIAGRAM


Similar Part No. - SC73P2602SH1

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC73P1601 SILAN-SC73P1601 Datasheet
381Kb / 22P
   4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
SC73P1601M SILAN-SC73P1601M Datasheet
381Kb / 22P
   4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
SC73P1601MA SILAN-SC73P1601MA Datasheet
381Kb / 22P
   4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
SC73P1601MATR SILAN-SC73P1601MATR Datasheet
381Kb / 22P
   4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
SC73P1601MC SILAN-SC73P1601MC Datasheet
381Kb / 22P
   4BIT MCU FOR REMOTE CONTROLLER(OTP TYPE)
More results

Similar Description - SC73P2602SH1

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
   Infrared Remote Control Transmitter
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
   Infrared Remote Control Transmitter???
logo
Silan Microelectronics ...
SC7461 SILAN-SC7461 Datasheet
192Kb / 14P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2211 PTC-PT2211 Datasheet
120Kb / 5P
   Infrared Remote Control Transmitter?
PT2212 PTC-PT2212 Datasheet
71Kb / 3P
   Infrared Remote Control Transmitter???
PT2221M PTC-PT2221M Datasheet
452Kb / 4P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248 Datasheet
80Kb / 4P
   Infrared Remote Control Transmitter????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com