Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA9616 Datasheet(PDF) 2 Page - Silan Microelectronics Joint-stock

Part # SA9616
Description  RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA9616 Datasheet(HTML) 2 Page - Silan Microelectronics Joint-stock

  SA9616 Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA9616 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA9616 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA9616 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA9616 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA9616 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA9616 Datasheet HTML 7Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SA9616
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.1
2002.07.11
Http: www.silan.com.cn
Page 2 of 7
ABSOLUTE MAXIMUM RATINGS (Tamb=25°C)
Characteristics
Symbol
Rating
Unit
Supply Voltage
VDD
-0.5 ~+9
V
Operating Temperature
Tmax
-20 ~+75
°C
Operating Temperature
Pmax
500
mW
DC ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Supply Voltage
VDD
3.0
5.0
7.0
V
Current Consumption
IDD
VDD=5V
--
30
--
mA
Bias Output Of Photoelectric
Signal
VREF
VDD=5V
--
2.5
--
V
AC ELECTRICAL CHARACTERISTICS (VDD=5V)
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Diode Control Input
MON
--
0.13
--
V
Photoelectric Input 1(A)
A
DA11
KSS213
0
0
--
--
0.60
0.15
V
V
Photoelectric Input 2(B)
B
DA11
KSS213
0
0
--
--
0.60
0.15
V
V
Photoelectric Input 3(C)
C
DA11
KSS213
0
0
--
--
0.60
0.15
V
V
Photoelectric Input 4(D)
D
DA11
KSS213
0
0
--
--
0.60
0.15
V
V
Gain Of RF Signal
GAIN
The resistor connected
between RFM and RFO is
5.5K
A, B, C, D are input pins,
RFO is output pin
15.0
16.0
17.0
dB
Range Of VCA Gain
VGA
RFG=VREF+1.0V
RFG=VREF-1.0V
RFC=220K
Input frequency 1.6MHz
-5.8
--
7.2
dB
EQ Center Frequency 1
fC1
VFC=VREF, RFC=300K
VFC=VREF, RFC=50K
Input frequency 1.6MHz
0.85
--
3.0
MHz
EQ Center Frequency 2
fC2
RFC=220K, VFC=VREF+1.0V
RFC=220K, VFC=VREF-1.0V
Input frequency 1.6MHz
0.56
--
1.5
MHz
Boost Of EQ Center Frequency
GFC
RFC=220K, VFC=VREF
Input frequency 1.6MHz
-7.4
--
6.1
dB


Similar Part No. - SA9616

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA9614 SILAN-SA9614 Datasheet
195Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
SA9618A SILAN-SA9618A Datasheet
159Kb / 5P
   RF AMPLIFIER FOR CD DIGITAL SERVO SYSTEM
More results

Similar Description - SA9616

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA9614 SILAN-SA9614 Datasheet
195Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO SYSTEM
logo
Toshiba Semiconductor
TA2153FN TOSHIBA-TA2153FN Datasheet
122Kb / 9P
   RF Amplifier for Digital Servo CD System
TA2151FN TOSHIBA-TA2151FN Datasheet
150Kb / 10P
   RF Amplifier for Digital Servo CD System
logo
Silan Microelectronics ...
SA9618A SILAN-SA9618A Datasheet
159Kb / 5P
   RF AMPLIFIER FOR CD DIGITAL SERVO SYSTEM
logo
Toshiba Semiconductor
TA2109F TOSHIBA-TA2109F_02 Datasheet
206Kb / 9P
   RF Amplifier for Digital Servo CD System
TA2109F TOSHIBA-TA2109F Datasheet
366Kb / 8P
   RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM
logo
KEC(Korea Electronics)
KIA2122FN KEC-KIA2122FN Datasheet
153Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
logo
Toshiba Semiconductor
TA2066F TOSHIBA-TA2066F Datasheet
351Kb / 7P
   RF AMPLIFIER FOR DIGITAL SERVO CD STSTEM
logo
KEC(Korea Electronics)
KIA2109F KEC-KIA2109F Datasheet
163Kb / 6P
   BIPOLAR LINEAR INTEGRATED CIRCUIT SILICON MONOLITHIC (RF AMPLIFIER FOR DIGITAL SERVO CD SYSTEM)
logo
Toshiba Semiconductor
TA2157F TOSHIBA-TA2157F Datasheet
184Kb / 14P
   Digital Servo Head Amp for CD System
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com