Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA5888G Datasheet(PDF) 1 Page - Silan Microelectronics Joint-stock

Part # SA5888G
Description  5CH BRL DRIVER FOR DVD PLAYER WITH DISC BIDIRECTIONAL DRIVER AND TWO VARIABLE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA5888G Datasheet(HTML) 1 Page - Silan Microelectronics Joint-stock

  SA5888G Datasheet HTML 1Page - Silan Microelectronics Joint-stock SA5888G Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA5888G Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA5888G Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA5888G Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA5888G Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA5888G Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA5888G Datasheet HTML 8Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.2
2009.07.16
Http: www.silan.com.cn
Page 1 of 8
5-CH BTL DRIVER FOR DVD PLAYER WITH DISC BIDIRECTIONAL DRIVER
AND TWO VARIABLE REGULATORS
DESCRIPTION
The SA5888 is a five-channel BTL driver IC for driving the motors
and actuators in products such as CD - ROM / DVD drivers. It is also
build-in two independent precision voltage regulators with adjustable
range from 1.5V to 4V and one channel bi-direction DC motor driver
for tray.
FEATURES
* Wide dynamic range (4.0V (Typ.) when VCC = 8V, PVCC =5V,
and RL = 8 ).
* Level shift circuit on chip.
* Thermal shutdown circuit on chip.
* Mute mode built-in.
* Two regulator controllers built-in.
* Five drivers build-in: dual actuator drivers, sled motor driver,
spindle driver and tray in-out driver.
HSOP-28-375-0.8
APPLICATIONS
* CD
* CD-ROM
* DVD
ORDERING INFORMATION
Part No.
Package
Marking
Material
Packing Type
SA5888
SA5888
Pb free
Tube
SA5888TR
SA5888
Pb free
Tape & Reel
SA5888G
SA5888G
Halogen free
Tube
SA5888GTR
HSOP-28-375-0.8
SA5888G
Halogen free
Tape & Reel


Similar Part No. - SA5888G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA58 PANJIT-SA58 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Yangzhou yangjie electr...
SA58 YANGJIE-SA58 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
DAESAN ELECTRONIC CORP.
SA58 DAESAN-SA58 Datasheet
1Mb / 6P
   POWER 500Watts VOLTAGE 5.0 to 170 Volts
logo
Shenzhen Luguang Electr...
SA58 LUGUANG-SA58 Datasheet
196Kb / 3P
   500W Transient Voltage Suppressor
logo
Won-Top Electronics
SA58 WTE-SA58 Datasheet
68Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSORS
More results

Similar Description - SA5888G

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
Ceramate Technical
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4505 CERAMATE-CMD4505 Datasheet
293Kb / 6P
   5-CH BTL Driver for DVD Player
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
   5-CHANNEL BTL DRIVER FOR DVD PLAYER
logo
Rohm
BA5969FP ROHM-BA5969FP Datasheet
370Kb / 12P
   Power Driver for Compact Disc Player
logo
BCD Semiconductor Manuf...
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
   5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Ceramate Technical
CMD4509 CERAMATE-CMD4509 Datasheet
202Kb / 6P
   5-CH BTL Driver for DVD Player
logo
BCD Semiconductor Manuf...
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
   4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Ceramate Technical
CMD4506 CERAMATE-CMD4506 Datasheet
162Kb / 6P
   5-CH BTL Driver for DVD Player
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com