Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA9259 Datasheet(PDF) 6 Page - Silan Microelectronics Joint-stock

Part # SA9259
Description  5-CH BRL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILAN [Silan Microelectronics Joint-stock]
Direct Link  http://www.silan.com.cn
Logo SILAN - Silan Microelectronics Joint-stock

SA9259 Datasheet(HTML) 6 Page - Silan Microelectronics Joint-stock

Back Button SA9259 Datasheet HTML 2Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 3Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 4Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 5Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 6Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 7Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 8Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 9Page - Silan Microelectronics Joint-stock SA9259 Datasheet HTML 10Page - Silan Microelectronics Joint-stock  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SA9259
HANGZHOU SILAN MICROELECTRONICS CO.,LTD
REV:1.3
2007.01.26
Http: www.silan.com.cn
Page 6 of 10
6. Radiation fin is connecting to the internal GND of the package.
Connect the fin to the external GND.
ELECTRICAL CHARACTERISTICS CURVES
VCC vs ICC
16.00
14.00
12.00
10.00
8.00
6.00
4.00
2.00
0.00
VCC (V)
4
6
8
10
12
14
16
18
20
VCC vs Imute
10.00
8.00
6.00
4.00
2.00
0.00
VCC (V)
4
6
8
10
12
14
16
18
20
Pin23=2.5
input=0
VCC vs Isou
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
VCC (V)
4
6
8
10
12
14
16
18
20
VCC vs Isink
1000
900
800
500
300
200
VCC (V)
4
6
8
10
12
14
16
18
20
Pin23=2.5
RL=8
400
700
600
Pin23=2.5
RL=8
VCC vs Vreg
6.00
5.50
5.00
4.50
4.00
3.50
3.00
VCC (V)
3
5
7
9
11
13
15
VCC vs Aom1
13.0
11.0
9.50
7.00
5.00
3.00
VCC (V)
4
6
8
10
12
14
16
Vin=0.7
VCC vs Avf1
7.50
7.00
6.50
6.00
5.50
5.00
VCC (V)
4
6
8
10
12
14
16
Pin23=2.5
RL=8
Vin=0.5V


Similar Part No. - SA9259

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA9258 SILAN-SA9258 Datasheet
713Kb / 10P
   4-CH BTL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
More results

Similar Description - SA9259

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SA9258 SILAN-SA9258 Datasheet
713Kb / 10P
   4-CH BTL DRIVER FOR CD PLAYER WITH 5V OUTPUT VOLTAGE
SA1469PH SILAN-SA1469PH Datasheet
654Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA1469TN SILAN-SA1469TN Datasheet
665Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 3.3V OUTPUT VOLTAGE
SA1469XH SILAN-SA1469XH Datasheet
597Kb / 11P
   4-CH BTL DRIVER FOR CD PLAYER WITH 5.0V OUTPUT VOLTAGE
logo
Aimtron Technology
AT5658 AIMTRON-AT5658 Datasheet
283Kb / 8P
   4-ch Motor Driver for CD/VCD Player
logo
Rohm
BA6292 ROHM-BA6292 Datasheet
145Kb / 5P
   POWER DRIVER FOR CD PLAYER
logo
Ceramate Technical
CMD4509 CERAMATE-CMD4509 Datasheet
202Kb / 6P
   5-CH BTL Driver for DVD Player
CMD4506 CERAMATE-CMD4506 Datasheet
162Kb / 6P
   5-CH BTL Driver for DVD Player
logo
Toshiba Semiconductor
TA8224H TOSHIBA-TA8224H Datasheet
425Kb / 12P
   MULTI OUTPUT VOLTAGE REGULATOR FOR CD PLAYER
logo
Ceramate Technical
CMD4508 CERAMATE-CMD4508 Datasheet
205Kb / 6P
   5-CH BTL Driver for DVD Player
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com