Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS45S16100E-7BLA2 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS45S16100E-7BLA2
Description  512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS45S16100E-7BLA2 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS45S16100E-7BLA2 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS45S16100E-7BLA2 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS45S16100E-7BLA2 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS45S16100E-7BLA2 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS45S16100E-7BLA2 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS45S16100E-7BLA2 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS45S16100E-7BLA2 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS45S16100E-7BLA2 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS45S16100E-7BLA2 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 82 page
background image
Integrated Silicon Solution, Inc. — www.issi.com 5
Rev. D
08/24/09
IS42S16100E, IS45S16100E
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Parameters
Rating
Unit
VDD max
MaximumSupplyVoltage
–1.0to+4.6 V
VDDq max
MaximumSupplyVoltageforOutputBuffer
–1.0to+4.6 V
ViN
InputVoltage
–1.0to+4.6 V
Vout
OutputVoltage
–1.0to+4.6 V
PD max
AllowablePowerDissipation
1
W
Ics
outputShortedCurrent
50
mA
Topr
operatingTemperature
Commerical
0to+70
°C
Industrial
-40to+85 °C
A1
-40to+85 °C
A2
-40to+105 °C
Tstg
StorageTemperature
–55to+150 °C
DC RECOMMENDED OPERATING CONDITION(2)
(AtTa = 0oC to +70oCforCommercialtemperature,Ta = -40oCto+85oCforIndustrialandA1temperature,Ta = -40oC to
+105oC for A2 temperature)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD, VDDq
SupplyVoltage
3.0
3.3
3.6
V
Vih
InputHighVoltage(3)
2.0
VDD +0.3
V
Vil
InputLowVoltage(4)
-0.3
+0.8
V
CAPACITANCE CHARACTERISTICS(1,2) (AtTa=0to+25°C,VDD=VDDQ=3.3±0.3V,f=1MHz)
Symbol
Parameter
Typ.
Max.
Unit
CiN1
InputCapacitance:A0-A11
4
pF
CiN2
InputCapacitance:(CLK,CKE, CS, RAS, CAS, WE,LDQM,UDQM)
4
pF
CI/O
DataInput/OutputCapacitance:DQ0-DQ15
5
pF
Notes:
1.StressgreaterthanthoselistedunderABSOLUTEMAXIMUMRATINGSmaycausepermanentdamagetothedevice.Thisisa
stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational
sectionsofthisspecificationisnotimplied.Exposuretoabsolutemaximumratingconditionsforextendedperiodsmayaffectreli-
ability.
2.AllvoltagesarereferencedtoGND.
3.Vih(max)=VDDq+1.2Vwithapulsewidth≤ 3 ns.
4.Vil(min)=VDDq-1.2Vwithapulsewidth≤ 3 ns.


Similar Part No. - IS45S16100E-7BLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S16100C1 ISSI-IS45S16100C1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1-7BLA ISSI-IS45S16100C1-7BLA Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1-7BLA1 ISSI-IS45S16100C1-7BLA1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1-7TA1 ISSI-IS45S16100C1-7TA1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1-7TLA ISSI-IS45S16100C1-7TLA Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS45S16100E-7BLA2

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100A1 ISSI-IS42S16100A1 Datasheet
754Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1 ISSI-IS45S16100C1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1 Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com