Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S16100E-6T Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS42S16100E-6T
Description  512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16100E-6T Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS42S16100E-6T Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16100E-6T Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16100E-6T Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16100E-6T Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16100E-6T Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16100E-6T Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16100E-6T Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S16100E-6T Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS42S16100E-6T Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 82 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
7
Rev. D
08/24/09
IS42S16100E, IS45S16100E
DC ELECTRICAL CHARACTERISTICS (RecommendedOperationConditionsunlessotherwisenoted.)
Symbol Parameter
Test Condition
Speed Min.
Max.
Unit
icc5
Auto-RefreshCurrent
trc = trc (miN)
CAS
latency = 3 Com.
-5
120
mA
Com.
-6
100
Ind, A1
-6
110
A2
-6
120
Com
-7
80
Ind, A1
-7
90
A2
-7
100
CAS
latency=2 Com
-5
120
mA
Com
-6
100
Ind, A1
-6
110
A2
-6
120
Com
-7
80
Ind, A1
-7
90
A2
-7
100
icc6
Self-RefreshCurrent
CKE≤0.2V
2
mA
Notes:
1.Thesearethevaluesattheminimumcycletime.Sincethecurrentsaretransient,thesevaluesdecreaseasthecycletimein-
creases.Alsonotethatabypasscapacitorofatleast0.01µFshouldbeinsertedbetweenVDD andGNDforeachmemorychip
tosuppresspowersupplyvoltagenoise(voltagedrops)duetothesetransientcurrents.
2. Icc1 and Icc4dependontheoutputload.ThemaximumvaluesforIcc1 and Icc4 are obtained with the output open state.


Similar Part No. - IS42S16100E-6T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-10T ISSI-IS42S16100-10T Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-10TI ISSI-IS42S16100-10TI Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-5BL ISSI-IS42S16100-5BL Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16100E-6T

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100A1 ISSI-IS42S16100A1 Datasheet
754Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1 ISSI-IS45S16100C1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1 Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com