Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S83200C-7TL Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS42S83200C-7TL
Description  256 Mb Single Data Rate Synchronous DRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S83200C-7TL Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS42S83200C-7TL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S83200C-7TL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S83200C-7TL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S83200C-7TL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S83200C-7TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S83200C-7TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S83200C-7TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S83200C-7TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S83200C-7TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
5
Rev. C
04/02/09
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN,VOUT
-0.5 ~ 4.6
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-0.5 ~ 4.6
V
Storage temperature
TSTG
-65 ~ +150
±C
Power dissipation
PD
1.0
W
Short circuit current
IOS
50
mA
NOTES:
Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC OPERATING CONDITIONS
Recommended operating conditions (Voltage referenced to VSS = 0V, Commerical grade:TA = 0 to 70 –––
–C, Industrial grade:TA = -40 to 85
oC)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Vdd
3.0
3.3
3.6
V
Supply voltage
VddQ
3.0
3.3
3.6
V
Input logic high voltage
VIH
2.0
VDDQ + 0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH = -0.1mA
Output logic low voltage
VOL
-
-
0.4
V
IOL = 0.1mA
Input leakage current
ILI
-5
-
5
uA
3
Output leakage current
IoL
-5
-
5
uA
3
Note:
1. VIH(max) = VDDQ + 2V AC for pulse width 3ns acceptable.
2. VIL(min) = -2V AC for pulse width 3ns acceptable.
3. Any input 0V VIN VDD + 0.3V, all other pins are not under test = 0V.
4. Dout is disabled , 0V VOUT VDD.
CAPACITANCE ( Vdd =3.3V, TA= 25°C, f = 1MHz …
Parameter
Symbol
Min
Max
Unit
Note
Clock
Cclk
2.5
4.0
pF
/CAS,/RAS,/WE,/CS,CKE,L/UDQM
Cin
2.5
5.0
pF
Address
CADD
2.5
5.0
pF
DQ0~DQ15
COUT
4.0
6.5
pF
IS42S83200C
IS42S16160C


Similar Part No. - IS42S83200C-7TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200A ISSI-IS42S83200A Datasheet
917Kb / 49P
   256 Mb Synchronous DRAM
IS42S83200A-75T ISSI-IS42S83200A-75T Datasheet
917Kb / 49P
   256 Mb Synchronous DRAM
IS42S83200A-75TL ISSI-IS42S83200A-75TL Datasheet
917Kb / 49P
   256 Mb Synchronous DRAM
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200B-6T ISSI-IS42S83200B-6T Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IS42S83200C-7TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S83200C ISSI-IS45S83200C Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS42S83200A ISSI-IS42S83200A Datasheet
917Kb / 49P
   256 Mb Synchronous DRAM
logo
Elpida Memory
M2V64S50ETP ELPIDA-M2V64S50ETP Datasheet
738Kb / 49P
   64M Single Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S56D20 MITSUBISHI-M2S56D20 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2S56D20TP MITSUBISHI-M2S56D20TP Datasheet
300Kb / 36P
   256M Double Data Rate Synchronous DRAM
M2S12D20 MITSUBISHI-M2S12D20 Datasheet
754Kb / 38P
   512M Double Data Rate Synchronous DRAM
logo
Elpida Memory
M2S56D20ATP ELPIDA-M2S56D20ATP Datasheet
644Kb / 41P
   256M Double Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S28D20ATP MITSUBISHI-M2S28D20ATP Datasheet
1Mb / 36P
   128M Double Data Rate Synchronous DRAM
M2S56D20AKT MITSUBISHI-M2S56D20AKT Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
logo
Austin Semiconductor
AS4SD16M16 AUSTIN-AS4SD16M16 Datasheet
1Mb / 51P
   256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com