Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S83200C-6TL Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS42S83200C-6TL
Description  256 Mb Single Data Rate Synchronous DRAM
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S83200C-6TL Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS42S83200C-6TL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S83200C-6TL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S83200C-6TL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S83200C-6TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S83200C-6TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S83200C-6TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S83200C-6TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S83200C-6TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS42S83200C-6TL Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
6
Integrated Silicon Solution, Inc. — www.issi.com
Rev. C
04/02/09
DC CHARACTERISTICS
Recommended operating conditions (Voltage referenced to VSS = 0V, Commerical grade:TA = 0 to 70
oC, Industrial grade:TA = -40 to 85oC)
±
Version
Parameter
Symbol
Test Condition
Organization
-6
-7
-75
Unit
Note
X 8
140
140
130
Operating Current
(One Bank Active)
ICC1
Burst length = 1
tRC ! tRC(min)
IO = 0 mA
X 16
140
140
135
mA
1
ICC2P
CKE
!VIL(max), tCC = 10ns
X 8 / X 16
15
15
15
Precharge Standby
Current in
power-down mode
ICC2PS
CKE & CLK
!VIL(max), tCC =
X 8 / X 16
5
5
5
mA
ICC2N
CKE ! VIH(min), CS ! VIH(min),
tCC = 10ns
Input signals are changed one
time during 20ns
X 8 / X 16
4
0
4
0
4
0
Precharge Standby
Current
in non power-down
mode
ICC2NS
CKE
! VIH(min), CLK
!
VIL(max), tCC =
!
Input signals are stable
X 8 / X 16
30
30
30
mA
ICC3P
CKE
!VIL(max), tCC = 10ns
X 8 / X 16
5
0
5
0
5
0
Active Standby
Current
in power-down mode
ICC3PS
CKE & CLK
!VIL(max), tCC =
X 8 / X 16
2
0
2
0
2
0
mA
ICC3N
CKE ! VIH(min), CS ! VIH(min),
tCC = 10ns
Input signals are changed one
time during 20ns
X 8 / X 16
65
65
65
Active Standby
Current
in non power-down
mode
(One Bank Active)
ICC3NS
CKE ! VIH(min), CLK
!
VIL(max), tCC =
!
Input signals are stable
X 8 / X 16
45
45
45
mA
Operating Current
(Burst Mode)
ICC4
IO = 0 mA
Page burst
4Banks Activated
tCCD = 2CLKs
X 8 / X 16
180
180
180
mA
1
Refresh Current
ICC5
tARFC ! tARFC(min)
X 8 / X 16
210
185
175
mA
2
Self Refresh Current
ICC6
CKE
!0.2V
X 8 / X 16
6
6
6
mA
NOTES:
1. Measured with outputs open.
2. Refresh period is 64ms.
3. Unless otherwise noted, input swing IeveI is CMOS(VIH /VIL=VDDQ/VSSQ).
IS42S83200C
IS42S16160C


Similar Part No. - IS42S83200C-6TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S83200A ISSI-IS42S83200A Datasheet
917Kb / 49P
   256 Mb Synchronous DRAM
IS42S83200A-75T ISSI-IS42S83200A-75T Datasheet
917Kb / 49P
   256 Mb Synchronous DRAM
IS42S83200A-75TL ISSI-IS42S83200A-75TL Datasheet
917Kb / 49P
   256 Mb Synchronous DRAM
IS42S83200B ISSI-IS42S83200B Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
IS42S83200B-6T ISSI-IS42S83200B-6T Datasheet
630Kb / 62P
   32Meg x 8, 16Meg x16 256-MBIT SYNCHRONOUS DRAM
More results

Similar Description - IS42S83200C-6TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS45S83200C ISSI-IS45S83200C Datasheet
1Mb / 40P
   256 Mb Single Data Rate Synchronous DRAM
IS42S83200A ISSI-IS42S83200A Datasheet
917Kb / 49P
   256 Mb Synchronous DRAM
logo
Elpida Memory
M2V64S50ETP ELPIDA-M2V64S50ETP Datasheet
738Kb / 49P
   64M Single Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S56D20 MITSUBISHI-M2S56D20 Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
M2S56D20TP MITSUBISHI-M2S56D20TP Datasheet
300Kb / 36P
   256M Double Data Rate Synchronous DRAM
M2S12D20 MITSUBISHI-M2S12D20 Datasheet
754Kb / 38P
   512M Double Data Rate Synchronous DRAM
logo
Elpida Memory
M2S56D20ATP ELPIDA-M2S56D20ATP Datasheet
644Kb / 41P
   256M Double Data Rate Synchronous DRAM
logo
Mitsubishi Electric Sem...
M2S28D20ATP MITSUBISHI-M2S28D20ATP Datasheet
1Mb / 36P
   128M Double Data Rate Synchronous DRAM
M2S56D20AKT MITSUBISHI-M2S56D20AKT Datasheet
824Kb / 37P
   256M Double Data Rate Synchronous DRAM
logo
Austin Semiconductor
AS4SD16M16 AUSTIN-AS4SD16M16 Datasheet
1Mb / 51P
   256 MB: 16 Meg x 16 SDRAM Synchronous DRAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com