Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS42S16100E-5TL Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS42S16100E-5TL
Description  512K Words x 16 Bits x 2 Banks 16Mb SYNCHRONOUS DYNAMIC RAM
Download  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS42S16100E-5TL Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS42S16100E-5TL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS42S16100E-5TL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS42S16100E-5TL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS42S16100E-5TL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS42S16100E-5TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS42S16100E-5TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS42S16100E-5TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS42S16100E-5TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS42S16100E-5TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 82 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. D
08/24/09
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time without
notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to obtain the lat-
est version of this device specification before relying on any published information and before placing orders for products.
IS42S16100E
IS45S16100E
SEPTEMBER 2009
FEATURES
• Clock frequency: 200, 166, 143 MHz
• Fullysynchronous;allsignalsreferencedtoa
positive clock edge
• Twobankscanbeoperatedsimultaneouslyand
independently
• DualinternalbankcontrolledbyA11(bankselect)
• Single3.3Vpowersupply
• LVTTLinterface
• Programmableburstlength
–(1,2,4,8,fullpage)
• Programmableburstsequence:
Sequential/Interleave
• 2048refreshcyclesevery32ms(Com,Ind,A1
grade)or16ms(A2grade)
• Randomcolumnaddresseveryclockcycle
• ProgrammableCASlatency(2,3clocks)
• Burstread/writeandburstread/singlewrite
operations capability
• Burstterminationbyburststopand
precharge command
• BytecontrolledbyLDQMandUDQM
• Packages:400-mil50-pinTSOP-IIand60-ball
TF-BGA
• TemperatureGrades:
Commercial(0oC to +70oC)
Industrial(-40oCto+85oC)
AutomotiveA1(-40oCto+85oC)
AutomotiveA2(-40oCto+105oC)
DESCRIPTION
ISSI’s16MbSynchronousDRAMIS42/4516100Eis
organizedasa524,288-wordx16-bitx2-bankfor
improvedperformance.ThesynchronousDRAMs
achieve high-speed data transfer using pipeline
architecture. All inputs and outputs signals refer to the
rising edge of the clock input.
512K Words x 16 Bits x 2 Banks
16Mb SYNCHRONOUS DYNAMIC RAM
PIN CONFIGURATIONS
50-Pin TSOP (Type II)
PIN DESCRIPTIONS
A0-A10
RowAddressInput
A11
BankSelectAddress
A0-A7
Column Address Input
DQ0toDQ15
DataDQ
CLK
SystemClockInput
CKE
ClockEnable
CS
Chip Select
RAS
RowAddress Strobe Command
CAS
Column Address Strobe Command
WE
WriteEnable
LDQM LowerBye,Input/OutputMask
UDQM UpperBye,Input/OutputMask
VDD
Power
GND
Ground
VDDQ PowerSupplyforDQPin
GNDQ GroundforDQPin
NC
NoConnection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
VDD
DQ0
DQ1
GNDQ
DQ2
DQ3
VDDQ
DQ4
DQ5
GNDQ
DQ6
DQ7
VDDQ
LDQM
WE
CAS
RAS
CS
A11
A10
A0
A1
A2
A3
VDD
GND
DQ15
DQ14
GNDQ
DQ13
DQ12
VDDQ
DQ11
DQ10
GNDQ
DQ9
DQ8
VDDQ
NC
UDQM
CLK
CKE
NC
A9
A8
A7
A6
A5
A4
GND


Similar Part No. - IS42S16100E-5TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-10T ISSI-IS42S16100-10T Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-10TI ISSI-IS42S16100-10TI Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100-5BL ISSI-IS42S16100-5BL Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - IS42S16100E-5TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100 Datasheet
739Kb / 78P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100A1 ISSI-IS42S16100A1 Datasheet
754Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42VS16100C1 ISSI-IS42VS16100C1 Datasheet
747Kb / 80P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100 ISSI-IS42S16100_08 Datasheet
1Mb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS45S16100C1 ISSI-IS45S16100C1 Datasheet
803Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
IS42S16100C1 ISSI-IS42S16100C1 Datasheet
755Kb / 79P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IC42S16100 ICSI-IC42S16100 Datasheet
805Kb / 78P
   512K x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Syst...
IC42S32200 ICST-IC42S32200 Datasheet
900Kb / 62P
   512K Words x 32 Bits x 4 Banks (64-MBIT) SYNCHRONOUS DYNAMIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com