Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI-3033ZD Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # SI-3033ZD
Description  Surface-Mount, Low Dropout Voltage Linear Regulator ICs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3033ZD Datasheet(HTML) 1 Page - Allegro MicroSystems

  SI-3033ZD Datasheet HTML 1Page - Allegro MicroSystems SI-3033ZD Datasheet HTML 2Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
26
ICs
1-1-1 Linear Regulator ICs
■Features
• Compact surface-mount package (TO263-5)
• Output current: 3.0A
• Low dropout voltage: VDIF
≤ 0.6V (at IO = 3.0A)
• Low circuit current at output OFF: Iq (OFF)
≤ 1
µA
• Built-in overcurrent and thermal protection
circuits
■Applications
• Secondary stabilized power supply (local
power supply)
■Absolute Maximum Ratings
Unit
V
V
A
W
°C
°C
°C
°C/W
°C/W
Ratings
10
6
3.0
3
–30 to +125
–30 to +85
–40 to +125
33.3
3
Symbol
VIN*1
VC
IO*1
PD*3
Tj
Top
Tstg
θj-a
θj-c
Parameter
DC Input Voltage
Output Control Terminal Voltage
DC Output Current
Power Dissipation
Junction Temperature
Operating Ambient Temperature
Storage Temperature
Thermal Resistance (Junction to Ambient Air)
Thermal Resistance (Junction to Case)
(Ta=25
°C)
■Recommended Operating Conditions
Parameter
Input Voltage
Output Current
Operating Ambient Temperature
Operating Junction Temperature
Output Voltage Variable Range
Symbol
VIN
IO
Top (a)
Top (j)
VOADJ
Unit
V
A
°C
°C
V
Remarks
Only for SI-3011ZD. Refer to the block diagram.
Ratings
*2 to 6*1
0 to 3
–20 to +85
–20 to +100
1.2 to 5
*1: VIN (max) and IO (max) are restricted by the relation PD = (VIN - VO)
× IO.
*2: Set the input voltage to 2.4V or higher when setting the output voltage to 2.0V or lower (SI-3011ZD).
*3: When mounted on glass-epoxy board of 40
× 40mm (copper laminate area 100%).
*1: Set the input voltage to 2.4V or higher when setting the output voltage to 2.0V or lower.
*2: IS1 is specified at the –5% drop point of output voltage VO under the condition of Output Voltage parameter.
*3: Output is OFF when the output control terminal (VC terminal) is open. Each input level is equivalent to LS-TTL level. Therefore, the device can be driven directly by LS-TTLs.
*4: These products cannot be used for the following applications because the built-in foldback-type overcurrent protection may cause errors during start-up stage.
(1) Constant current load (2) Positive and negative power supply (3) Series-connected power supply (4) VO adjustment by raising ground voltage
Surface-Mount, Low Dropout Voltage Linear Regulator ICs
SI-3000ZD Series
Unit
V
mV
mV
V
mA
µA
mV/
°C
dB
A
V
µA
µA
Parameter
Output Voltage
(Reference Voltage VADJ for SI-3011ZD)
Line Regulation
Load Regulation
Dropout Voltage
Quiescent Circuit Current
Circuit Current at Output OFF
Temperature Coefficient
of Output Voltage
Ripple Rejection
Overcurrent Protection Starting Current*2
*4
Control Voltage (Output ON)*3
Control Voltage (Output OFF)*3
VC
Control Current(Output ON)
Terminal
Control Current(Output OFF)
Symbol
VO (VADJ)
Conditions
∆VOLINE
Conditions
∆VOLOAD
Conditions
VDIF
Conditions
Iq
Conditions
Iq (OFF)
Conditions
∆VO/∆Ta
Conditions
RREJ
Conditions
IS1
Conditions
VC, IH
VC, IL
IC, IH
Conditions
IC, IL
Conditions
Ratings
SI-3011ZD (Variable type)
SI-3033ZD
min.
typ.
max.
min.
typ.
max.
1.078
1.100
1.122
3.234
3.300
3.366
VIN=VO+1V, IO=10mA
VIN=5V, IO=10mA
10
10
VIN=3.3 to 5V, IO=10mA (VO=2.5V)
VIN=4.5 to 5.5V, IO=10mA
40
40
VIN=3.3V, IO=0 to 3A (VO=2.5V)
VIN=5V, IO=0 to 3A
0.6
0.6
IO=3A (VO=2.5V)
IO=3A
1
1.5
1
1.5
VIN=VO+1V, IO=0A, VC=2V
VIN=5V, IO=0A, VC=2V
11
VIN=VO+1V, VC=0V
VIN=5V, VC=0V
±0.3
±0.3
Tj=0 to 100
°CTj=0 to 100°C
60
60
VIN=VO+1V, f=100 to 120HZ, IO=0.1A
VIN=5V, f=100 to 120HZ, IO=0.1A
3.2
3.2
VIN=VO+1V
VIN=5V
22
0.8
0.8
100
100
VC=2.7V
VC=2.7V
–5
0
–5
0
VC=0V
VC=0V
■Electrical Characteristics
(Ta=25
°C, VC=2V unless otherwise specified)


Similar Part No. - SI-3033ZD

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
429Kb / 9P
   High-Current, Low-Dropout, 3.3 V Regulator
logo
Sanken electric
SI-3033ZD SANKEN-SI-3033ZD Datasheet
60Kb / 2P
   Surface-Mount Low Dropout Voltage Linear Regulator ICs
SI-3033ZD SANKEN-SI-3033ZD Datasheet
62Kb / 2P
   Surface-Mount, Low Dropout Voltage
logo
Allegro MicroSystems
SI-3033ZD-TL ALLEGRO-SI-3033ZD-TL Datasheet
429Kb / 9P
   High-Current, Low-Dropout, 3.3 V Regulator
More results

Similar Description - SI-3033ZD

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000ZD SANKEN-SI-3000ZD Datasheet
60Kb / 2P
   Surface-Mount Low Dropout Voltage Linear Regulator ICs
SI-3002KWM SANKEN-SI-3002KWM Datasheet
433Kb / 2P
   2-Output Surface-Mount Low Dropout Voltage Linear Regulator ICs
SI-3000KWM SANKEN-SI-3000KWM_10 Datasheet
43Kb / 2P
   2-Output, Surface-Mount, Low Dropout Voltage Linear Regulator ICs
logo
Allegro MicroSystems
SI-3012KD ALLEGRO-SI-3012KD Datasheet
69Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3000LLSL SANKEN-SI-3000LLSL Datasheet
44Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3000KM SANKEN-SI-3000KM_10 Datasheet
60Kb / 3P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
SI-3010KM SANKEN-SI-3010KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000LSA SANKEN-SI-3000LSA Datasheet
75Kb / 2P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS Datasheet
97Kb / 6P
   Surface-Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
SI-3000KS SANKEN-SI-3000KS_10 Datasheet
48Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com