Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10XS3435DPNA Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # MC10XS3435DPNA
Description  Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3435DPNA Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button MC10XS3435DPNA Datasheet HTML 43Page - Freescale Semiconductor, Inc MC10XS3435DPNA Datasheet HTML 44Page - Freescale Semiconductor, Inc MC10XS3435DPNA Datasheet HTML 45Page - Freescale Semiconductor, Inc MC10XS3435DPNA Datasheet HTML 46Page - Freescale Semiconductor, Inc MC10XS3435DPNA Datasheet HTML 47Page - Freescale Semiconductor, Inc MC10XS3435DPNA Datasheet HTML 48Page - Freescale Semiconductor, Inc MC10XS3435DPNA Datasheet HTML 49Page - Freescale Semiconductor, Inc MC10XS3435DPNA Datasheet HTML 50Page - Freescale Semiconductor, Inc MC10XS3435DPNA Datasheet HTML 51Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 48 / 51 page
background image
Analog Integrated Circuit Device Data
48
Freescale Semiconductor
10XS3435
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 1.0)
Device on Thermal Test Board
RθJA is the thermal resistance between die junction and
ambient air.
This device is a dual die package. Index m indicates the
die that is heated. Index n refers to the number of the die
where the junction temperature is sensed.
Figure 20. Steady State Thermal Resistance in Dependence on Heat Spreading Area;
1s JEDEC Thermal Test Board with Spreading Areas
Material:
Single layer printed circuit board
FR4, 1.6 mm thickness
Cu traces, 0.07 mm thickness
Cu buried traces thickness 0.035mm
Outline:
76.2 mm x 114.3 mm board area,
including edge connector for thermal
testing, 74 mm x 74 mm buried
layers area
Area A:
Cu heat-spreading areas on board
surface
Ambient Conditions:
Natural convection, still air
Table 26. Thermal Resistance Performance
Thermal
Resistance
Area A
(mm2)
1 = Power Chip, 2 = Logic Chip
(
°C/W)
m = 1,
n = 1
m = 1, n = 2
m = 2, n = 1
m = 2,
n = 2
RθJAmn
0
47.77
36.90
54.35
150
42.90
33.21
51.07
300
40.95
31.78
49.63
450
39.85
30.89
48.61
600
38.96
30.21
47.90
25.00
30.00
35.00
40.00
45.00
50.00
55.00
60.00
65.00
0
100
200
300
400
500
600
Heat spreading area [sqmm]
RJA11
RJA12=RJA21
RJA22


Similar Part No. - MC10XS3435DPNA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC10XS3435DHFK FREESCALE-MC10XS3435DHFK Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
More results

Similar Description - MC10XS3435DPNA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_12 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
35XS3400 FREESCALE-35XS3400 Datasheet
1Mb / 48P
   Quad High Side Switch (Quad 35 mOhm)
35XS3400 FREESCALE-35XS3400_12 Datasheet
1Mb / 46P
   Quad High Side Switch (Quad 35 mOhm)
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
   Dual 10 mOhm High Side Switch
logo
NXP Semiconductors
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com