Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10XS3412DPNA Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part No. MC10XS3412DPNA
Description  Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC10XS3412DPNA Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 13 / 53 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
10XS3412
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CONTROL INTERFACE
Input Logic High Voltage(20)
VIH
2.0
VDD+0.3
V
Input Logic Low Voltage(20)
VIL
-0.3
0.8
V
Input Logic Pull-down Current (SCLK, SI)(23)
IDWN
5.0
20
μA
Input Logic Pull-up Current (CS)(24)
IUP
5.0
20
μA
SO, FS Tri-state Capacitance(21)
CSO
20
pF
Input Logic Pull-down Resistor (RST, WAKE and IN[0:3])
RDWN
125
250
500
k
Ω
Input Capacitance(21)
CIN
4.0
12
pF
Wake Input Clamp Voltage(22), ICL(WAKE) < 2.5 mA
10XS3412C
10XS3412D
VCL(WAKE)
19
20
25
27
32
35
V
Wake Input Forward Voltage
ICL(WAKE) = -2.5 mA
VF(WAKE)
-2.0
-0.3
V
SO High state Output Voltage
IOH = 1.0 mA
VSOH
VDD-0.4
V
SO and FS Low state Output Voltage
IOL = -1.0 mA
VSOL
0.4
V
SO, CSNS and FS Tri-state Leakage Current
CS
= VIH and 0 V < VSO < VDD, or FS = 5.5 V, or CSNS=0.0 V
ISO(LEAK)
-2.0
0
2.0
μA
FSI External Pull-down Resistance(25)
Watchdog Disabled
Watchdog Enabled
RFS
10
0
Infinite
1.0
k
Ω
Notes
20.
Upper and lower logic threshold voltage range applies to SI, CS, SCLK, RST, IN[0:3] and WAKE input signals. The WAKE and RST
signals may be supplied by a derived voltage referenced to VPWR.
21.
Input capacitance of SI, CS, SCLK, RST, IN[0:3] and WAKE. This parameter is guaranteed by process monitoring but is not production
tested.
22.
The current must be limited by a series resistance when using voltages > 7.0 V.
23.
Pull-down current is with VSI > 1.0 V and VSCLK > 1.0 V.
24.
Pull-up current is with VCS < 2.0 V. CS has an active internal pull-up to VDD.
25.
In Fail-safe HS[0:3] depends respectively on ON[0:3]. FSI has an active internal pull-up to VREG ~ 3.0 V.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 20 V, 3.0 V ≤ VDD ≤ 5.5 V, -40°C ≤ TA ≤ 125°C, GND = 0 V unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn