Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10XS3412DPNA Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part No. MC10XS3412DPNA
Description  Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC10XS3412DPNA Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

 
Zoom Inzoom in Zoom Outzoom out
 51 / 53 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
51
10XS3412
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 1.0)
Figure 21. Transient Thermal 1W Step Response; Device on
1s JEDEC Standard Thermal Test Board with Heat Spreading Areas 600 Sq. mm
Figure 22. Transient Thermal 1W Step Response;
Device on 2s2p JEDEC Standard Thermal Test Board
0.1
1
10
100
0.000001
0.0001
0.01
1
100
10000
Time[s]
RJA11
RJA12
RJA22
0.1
1
10
100
0.000001
0.0001
0.01
1
100
10000
Time [s]
RJA11
RJA12
RJA22


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn