Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10XS3412DPNA Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part No. MC10XS3412DPNA
Description  Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
Download  53 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC10XS3412DPNA Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 48 / 53 page
background image
Analog Integrated Circuit Device Data
48
Freescale Semiconductor
10XS3412
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 1.0)
ADDITIONAL DOCUMENTATION
THERMAL ADDENDUM (REV 1.0)
Introduction
This thermal addendum is provided as a supplement to the 10XS3412
technical data sheet. The addendum provides thermal performance
information that may be critical in the design and development of system
applications. All electrical, application and packaging information is
provided in the data sheet.
Package and Thermal Considerations
This 10XS3412 is a dual die package. There are two heat sources in the
package independently heating with P1 and P2. This results in two junction
temperatures, TJ1 and TJ2, and a thermal resistance matrix with RθJAmn.
For m, n = 1, RθJA11 is the thermal resistance from Junction 1 to the
reference temperature while only heat source 1 is heating with P1.
For m = 1, n = 2, RθJA12 is the thermal resistance from Junction 1 to the
reference temperature while heat source 2 is heating with P2. This applies
to RθJ21 and RθJ22, respectively.
The stated values are solely for a thermal performance comparison of
one package to another in a standardized environment. This methodology is not meant to and will not predict the performance
of a package in an application-specific environment. Stated values were obtained by measurement and simulation according to
the standards listed below.
Standards
Figure 16. Detail of Copper Traces Under Device with
Thermal Vias
24-PIN
PQFN
10XS3412PNA
PNA SUFFIX (PB-FREE)
98ARL10596D
24-PIN PQFN (12 x 12)
Note For package dimensions, refer to
the 10XS3412 data sheet.
TJ1
TJ2
=
RθJA11
RθJA21
RθJA12
RθJA22
.
P1
P2
Table 25. Thermal Performance Comparison
Thermal
Resistance
1 = Power Chip, 2 = Logic Chip
[
°C/W]
m = 1,
n = 1
m = 1, n = 2
m = 2, n = 1
m = 2,
n = 2
RθJAmn
(1)(2)
26.04
18.18
35.49
RθJBmn
(2)(3)
13.21
6.40
23.94
RθJAmn
(1)(4)
46.42
37.03
53.82
RθJCmn
(5)
0.67
0.95
0.00
Notes:
1.
Per JEDEC JESD51-2 at natural convection, still air
condition.
2.
2s2p thermal test board per JEDEC JESD51-7and
JESD51-5.
3.
Per JEDEC JESD51-8, with the board temperature on the
center trace near the power outputs.
4.
Single layer thermal test board per JEDEC JESD51-3 and
JESD51-5.
5.
Thermal resistance between the die junction and the
exposed pad, “infinite” heat sink attached to exposed pad.
0.2mm
0.2mm
0.5mm dia.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn